Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270CVRP Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC8270CVRP
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270CVRP Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC8270CVRP Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
59
Pinout
Figure 16 shows the side profile of the PBGA package to indicate the direction of the top surface view.
Figure 16. Side View of the PBGA Package Remove
NOTE: Temperature Reflow for the VR Package
In the VR package, sphere composition is lead-free (refer to Table 2). This requires
higher temperature reflow than what is required for other PowerQUICC II
packages. Users should consult “Freescale PowerQUICC II™ Pb-Free Packaging
Information” (MPC8250PBFREEPKG) available at www.freescale.com.
Table 23 shows the pinout list of the MPC8275 and MPC8270. Table 22 defines conventions and acronyms used in
Table 23.
Table 23. MPC8275 and MPC8270 (VR and ZQ Packages) Pinout List
Pin Name
Ball
MPC8275/MPC8270
MPC8275 only
BR
C16
BG
D2
ABB/IRQ2
C1
TS
D1
A0
D5
A1
E8
A2
C4
A3
B4
A4
A4
A5
D7
A6
D8
A7
C6
A8
B5
A9
B6
A10
C7
Die
Transfer molding compound
1 mm pitch
Wire bonds
attach
DIE
Ball bond
Screen-printed
solder mask
Cu substrate traces
BT resin glass epoxy
Plated substrate via



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com