Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270CVRP Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC8270CVRP
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270CVRP Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8270CVRP Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
13
Power Dissipation
4.5 Experimental Determination
To determine the junction temperature of the device in the application after prototypes are available, the thermal
characterization parameter (
ΨJT) can be used to determine the junction temperature with a measurement of the
temperature at the top center of the package case using the following equation:
TJ = TT + (ΨJT × PD)
where:
Ψ
JT = thermal characterization parameter
TT = thermocouple temperature on top of package
PD = power dissipation in package
The thermal characterization parameter is measured per JEDEC JESD51-2 specification using a 40-gauge type T
thermocouple epoxied to the top center of the package case. The thermocouple should be positioned so that the
thermocouple junction rests on the package. A small amount of epoxy is placed over the thermocouple junction and
over 1 mm of wire extending from the junction. The thermocouple wire is placed flat against the case to avoid
measurement errors caused by cooling effects of the thermocouple wire.
4.6 Layout Practices
Each VDD and VDDH pin should be provided with a low-impedance path to the board’s power supplies. Each
ground pin should likewise be provided with a low-impedance path to ground. The power supply pins drive distinct
groups of logic on chip. The VDD and VDDH power supplies should be bypassed to ground using by-pass
capacitors located as close as possible to the four sides of the package. For filtering high frequency noise, a capacitor
of 0.1uF on each VDD and VDDH pin is recommended. Further, for medium frequency noise, a total of 2 capacitors
of 47uF for VDD and 2 capacitors of 47uF for VDDH are also recommnded. The capacitor leads and associated
printed circuit traces connecting to chip VDD, VDDH and ground should be kept to less than half an inch per
capacitor lead. Boards should employ separate inner layers for power and GND planes.
All output pins on the MPC8280 have fast rise and fall times. Printed circuit (PC) trace interconnection length should
be minimized to minimize overdamped conditions and reflections caused by these fast output switching times. This
recommendation particularly applies to the address and data buses. Maximum PC trace lengths of six inches are
recommended. Capacitance calculations should consider all device loads as well as parasitic capacitances due to the
PC traces. Attention to proper PCB layout and bypassing becomes especially critical in systems with higher
capacitive loads because these loads create higher transient currents in the VDD and GND circuits. Pull up all
unused inputs or signals that will be inputs during reset. Special care should be taken to minimize the noise levels
on the PLL supply pins.
5
Power Dissipation
Table 7 provides preliminary, estimated power dissipation for various configurations. Note that suitable thermal
management is required to ensure the junction temperature does not exceed the maximum specified value. Also note
that the I/O power should be included when determining whether to use a heat sink. For a complete list of possible
clock configurations, refer to Section 7, “Clock Configuration Modes.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com