Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270CVRP Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8270CVRP
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270CVRP Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8270CVRP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
2
Freescale Semiconductor
Overview
1Overview
Table 1 shows the functionality supported by each device in the MPC8280 family.
Devices in the MPC8280 family are available in three packages—the standard ZU package and the alternate VR or
ZQ packages—as shown in Table 2. Note that throughout this document references to the MPC8280 and the
MPC8270 are inclusive of VR and ZQ package devices unless otherwise specified. For more information on VR and
ZQ packages, contact your Freescale sales office. For package ordering information, refer to Section 10, “Ordering
Information.”
Table 1. MPC8280 PowerQUICC II Family Functionality
Functionality
Devices
MPC8270
MPC8275
MPC8280
Package 1
1
Refer to Table 2.
480 TBGA
516 PBGA
516 PBGA
480 TBGA
Serial communications controllers (SCCs)
4
4
4
4
QUICC multi-channel controller (QMC)
—
—
—
—
Fast communication controllers (FCCs)
3
3
3
3
I-Cache (Kbyte)
16
16
16
16
D-Cache (Kbyte)
16
16
16
16
Ethernet (10/100)
3
3
3
3
UTOPIA II Ports
0
0
2
2
Multi-channel controllers (MCCs)
1
1
1
2
PCI bridge
Yes
Yes
Yes
Yes
Transmission convergence (TC) layer
—
—
—
Yes
Inverse multiplexing for ATM (IMA)
—
—
—
Yes
Universal serial bus (USB) 2.0 full/low rate
1
1
1
1
Security engine (SEC)
—
—
—
—
Table 2. HiP7 PowerQUICC II Device Packages
Code
(Package)
ZU
(480 TBGA—Leaded)
VR
(516 PBGA—Lead free)
ZQ
(516 PBGA—Lead spheres)
Device
MPC8280
MPC8275VR
MPC8275ZQ
MPC8270
MPC8270VR
MPC8270ZQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com