Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270CVRP Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPC8270CVRP
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270CVRP Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC8270CVRP Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
20
Freescale Semiconductor
AC Electrical Characteristics
Table 12 lists SIU output characteristics.
NOTE
Activating data pipelining (setting BRx[DR] in the memory controller) improves
the AC timing.
Table 12. AC Characteristics for SIU Outputs 1
1
Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal.
Timings are measured at the pin.
Spec Number
Characteristic
Value (ns)
Max
Min
Maximum Delay
Minimum Delay
66 MHz
83 MHz 100 MHz 66 MHz
83 MHz 100 MHz
sp31
sp30 PSDVAL/TEA/TA
76
5.5
111
sp32
sp30 ADD/ADD_atr./BADDR/CI/GBL/WT
8
6.5
5.5
1
1
1
sp33a
sp30 Data bus 2
2
To achieve 1 ns of hold time at 66, 83, or 100 MHz, a minimum loading of 20 pF is required.
6.5
6.5
5.5
0.7
0.7
0.7
sp33b
sp30 DP
6
5.5
5.5
1
1
1
sp34
sp30 Memory controller signals/ALE
6
5.5
5.5
1
1
1
sp35
sp30 All other signals
6
5.5
5.5
1
1
1
sp35a
sp30 AP
7
7
7111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com