Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270CVRP Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC8270CVRP
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270CVRP Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC8270CVRP Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 80Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
76
Freescale Semiconductor
Ordering Information
10 Ordering Information
Figure 19 provides an example of the Freescale part numbering nomenclature for the MPC8280. In addition to the
processor frequency, the part numbering scheme also consists of a part modifier that indicates any enhancement(s)
in the part from the original production design. Each part number also contains a revision code that refers to the die
mask revision number and is specified in the part numbering scheme for identification purposes only. For more
information, contact your local Freescale sales office.
Figure 19. Freescale Part Number Key
11 Document Revision History
Table 25. Document Revision History
Revision
Date
Substantive Changes
1.7
12/2006
• Section 6, “AC Electrical Characteristics,” removed deratings statement and clarified AC timing
descriptions.
1.6
05/2006
• Table 11: Added text to clarify that Data Bus Parity is not supported at 66 Mhz.
• Table 11: Added text to clarify that Data Bus ECC is supported at 66 Mhz
• Table 11: Added note to DP pins to show it is not supported at 66 MHz
• Table 12: Added note to support 1 ns hold time
1.5
03/2006
• Added Section 6.3, “JTAG Timings”
1.4
11/2005
• In Section 6.2, “SIU AC Characteristics”, modified the note on CLKIN Jitter and Duty Cycle.
• Modified Figure 17 to display all text.
1.3
01/2005
• Modification for correct display of assertion level (“overbar”) for some signals
Product Code
Device Number
Package
Processor Frequency
Die Revision Level
MPC 82XX C ZU XXX
(CPU/CPM/Bus)
X
Temperature Range
Blank = 0T
A
to 105Tj
C = (-40)T
A
– 105Tj
ZU = 480 TBGA Lead spheres
VR = 516 PBGA Lead-free spheres
ZQ = 516 PBGA Lead spheres



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com