Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270CVRP Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC8270CVRP
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270CVRP Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC8270CVRP Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 80Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 78 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
78
Freescale Semiconductor
Document Revision History
1.0
2/2004
• Removal of “Advance Information” and “Preliminary.” The MPC8280 is fully qualified.
• Table 1: New
• Figure 1: Modification to note 2
• Section 1.1: Core frequency range is 166–450 MHz
• Addition of ZQ (516 PBGA with Lead spheres) package references
• Table 4: VDD and VCCSYN modified to 1.45–1.60 V
• Note following Table 4: Modified
• Table 5: Addition of note 2 regarding TRST and PORESET (see VIH row of Table 5)
• Table 5: Changed IOL for 60x signals to 6.0 mA
• Table 5: Moved QREQ to VOL: IOL= 3.2 mA
• Table 5: Addition of critical interrupt (CINT) to IRQ5 for VOL (IOL = 6.0mA)
• Table 6: Addition of
Ψ
JT and note 4
• Sections 4.1–4.5: New
• Table 7: Modified power values (+ 150mW to each)
• Table 8: Addition of note 2. Changed PCI impedance to 27
Ω.
• Table 9: Changes to sp36b, SP38a, sp38b, sp37a, sp39a, sp40 and sp41
• Table 10: Changes to sp16a, sp18a, sp20 and sp21
• Section 6.2: Addition of Note: CLKIN Jitter and Duty Cycle
• Table 11: Changes to sp13 @ 66 and 83 MHz, sp14 @ 83 MHz
• Table 12: Change to sp30 (data bus signals). Changes to sp33b. Removal of note 2.
• Table 16 through Table 20: Modification of note 1 regarding CPU and CPM Fmin. Modification
to corresponding values in tables.
• Table 21: Addition of note 1 to TRST (AH3) and PORESET (AG6)
• Table 21: Addition of RXD3 to CPM port pin PB14. Previously omitted.
• Table 21: Addition of critical interrupt (CINT) to B21 and U4. Previously omitted.
• Table 21: Addition of note 5 to ‘No connect’ (AA1, AG4)
• Addition of “Note: Temperature Reflow for the VR Package" on page 59
• Table 23: Addition of note 1 to TRST (F22) and PORESET (B25)
• Table 23: Addition of previously omitted signals that are multiplexed with CPM port pins:
PA6—FCC2_UT_RXADDR3
PA7—FCC2_UT_TXADDR3
PA8—FCC2_UT_TXADDR4
PB14—RXD3
PC19—SPICLK
PC22—FCC1_UT_TXPRTY
PC28—FCC2_UT_RXADDR4
• Table 23: Removal of serial interface 1 (SI1) signals from port pins (see note 2 in Figure 1):
PA[6–9], PB[8–17, 20–25], PC[6–7, 10–13], PD[4, 10–13, 16, 23–28]
• Table 23: Addition of critical interrupt (CINT) to AC1 and B14. Previously omitted.
• Table 23: Addition of note 5 to ‘No connect’ (E17, C23)
Table 25. Document Revision History (continued)
Revision
Date
Substantive Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com