Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA647DH Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA647DH
Description  Low-voltage digital IF receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA647DH Datasheet(HTML) 5 Page - NXP Semiconductors

  SA647DH Datasheet HTML 1Page - NXP Semiconductors SA647DH Datasheet HTML 2Page - NXP Semiconductors SA647DH Datasheet HTML 3Page - NXP Semiconductors SA647DH Datasheet HTML 4Page - NXP Semiconductors SA647DH Datasheet HTML 5Page - NXP Semiconductors SA647DH Datasheet HTML 6Page - NXP Semiconductors SA647DH Datasheet HTML 7Page - NXP Semiconductors SA647DH Datasheet HTML 8Page - NXP Semiconductors SA647DH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Philips Semiconductors
Product specification
SA647
Low-voltage digital IF receiver
1998 Aug 10
5
AC ELECTRICAL CHARACTERISTICS
VCC = +3.0V, Mixer input freq = 110.52MHz, LO input freq = 109.92MHz, TA = 25°C; unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Mixer/Osc section
fIN
Input signal frequency
200
MHz
fOSC
Crystal oscillator frequency
200
MHz
NF
Noise figure at 110.52MHz
Matched input and output 50
Ω
4.5
dB
IIP3
Third-order input intercept point
Matched input and output to 50
Ω
-29.5
dBm
GCP
Conversion power gain
Matched input and output to 50
Ω
17
20
23
dB
RIN
Mixer input resistance
at 110.52 MHz
670
Ω
CIN
Mixer input capacitance
at 110.52 MHz
3.0
pF
ROUT
Mixer output resistance
at 600 kHz
1.5
k
Ω
ISOL
Mixer RF to LO isolation
32
dB
Buffered LO output level, DC coupled
10kII3.9pF load
110
230
320
mVP–P
External input level
f = 110.52 MHz at Pin 4
250
mVP–P
IF section
IF amp power gain
Matched input and output 50
W
30
36
dB
Limiter power gain
51
60
dB
IFBW
IF amp bandwidth
2
MHz
RSSI output
Input power level = -113dBm, Pin 1
0.30
V
Input power level = -68dBm, Pin 1
1.00
V
Input power level = -29dBm, Pin 1
1.55
V
RSSI range
85
dB
RSSI accuracy
±1.5
dB
RSSI ripple
30
mVP–P
RSSI speed – (Rise Time)
Input @ Pin 1
No filter
5
µs
RSSI speed – (Fall time)
Input @ Pin 1
No filter
25
µs
IF input impedance
1.5
k
Ω
IF output impedance
1.5
k
Ω
Limiter input impedance
1.5
k
Ω
Limiter output impedance
(Pin 10, Pin 11)
230
Ω
Limiter output (each pin)
Output load is 1.5K in parallel with 30
pF to GND each pin
240
350
420
mVP–P
Limiter output DC level
1.27
V
Differential output matching
±5
mV
Limiter output offset
0.09
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com