Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA647DH Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SA647DH
Description  Low-voltage digital IF receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA647DH Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SA647DH Datasheet HTML 6Page - NXP Semiconductors SA647DH Datasheet HTML 7Page - NXP Semiconductors SA647DH Datasheet HTML 8Page - NXP Semiconductors SA647DH Datasheet HTML 9Page - NXP Semiconductors SA647DH Datasheet HTML 10Page - NXP Semiconductors SA647DH Datasheet HTML 11Page - NXP Semiconductors SA647DH Datasheet HTML 12Page - NXP Semiconductors SA647DH Datasheet HTML 13Page - NXP Semiconductors SA647DH Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Philips Semiconductors
Product specification
SA647
Low-voltage digital IF receiver
1998 Aug 10
12
GENERAL APPLICATIONS CIRCUIT
MIXER
+–
SR01730
10
8
7
6
4
3
2
1
5
9
20
19
18
17
16
14
13
12
11
15
RSSI
LO
OSC
OUT
C9
R1
C7
VCC
C4
C1
C18
C17
C22
RF
INPUT
LIMITER
OSCILLATOR
+–
R2
IF
AMP
C11
C12
LIMITER
OUT(–)
LIMITER
OUT(+)
POWER
DOWN
RSSI
R3
C14
C15
R5
R4
C13
BUFF
RSSI BUFF
Component List
R2 and R3 set the RSSI buffer gain. For unity gain short R2 (Pin 7 to Pin 8)
and leave R9 open.
R8
C20
L3
R7
R6
L1
C3
C23
C24
FLT1
FLT2
R15
R16
R14
R13
R10
R9
C21
C19
C16
C25
R18
R17
R19
C5
C8
L2
C6
C2
NOTE:
5
1
3
4
3
4
1
LO
INPUT
2
5
2
C1
5–30pF
C11
0.1
mF
C21
10nF
R1
10K
W
R13
240
W
L1
180nH
C2
5–30pF
C12
6.8pF
C22
0.1
mFR2
0
W (short) R14 4.5KW
L2
180nH
C3
0.1
mF
C13
0.1
mF
C23
0.1
mF
R3
OPEN
R
15 180W
L3
56
mH
C4
0.1
mF
C14
30pF
C24
10nF
R4
5.1k
R16
180
W
FLT1,2
600kHz
C5
0.1
mF
C15
30pF
C25
10nF
R5
5.1k
R17
240
W
C6
0.1
mF
C16
0.1
mFR6
0
W (short) R18 10KW
C7
47pF
C17
0.1
mF
R7
1.5K
W
R19
10K
W
C8
1nF
C18
0.1
mF
R8
1.5K
W
C9
10pF
C19
10nF
R9
180
W
C10
3.9pF
C20
1500pF
R10
180
W
R11
10K
W
R12
0K
W
GND
Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com