Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA647DH Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA647DH
Description  Low-voltage digital IF receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA647DH Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA647DH Datasheet HTML 4Page - NXP Semiconductors SA647DH Datasheet HTML 5Page - NXP Semiconductors SA647DH Datasheet HTML 6Page - NXP Semiconductors SA647DH Datasheet HTML 7Page - NXP Semiconductors SA647DH Datasheet HTML 8Page - NXP Semiconductors SA647DH Datasheet HTML 9Page - NXP Semiconductors SA647DH Datasheet HTML 10Page - NXP Semiconductors SA647DH Datasheet HTML 11Page - NXP Semiconductors SA647DH Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
SA647
Low-voltage digital IF receiver
1998 Aug 10
8
SR01555
IF Gain vs Temperature and Supply Voltage
35.0
35.5
36.0
36.5
37.0
37.5
38.0
38.5
–40
0
25
70
85
5.5V
3.0V
2.7V
Limiter Gain vs Temperature and Supply Voltage
60.0
60.5
61.0
61.5
62.0
62.5
63.0
63.5
64.0
64.5
65.0
25
70
85
5.5V
3.0V
2.7V
Limiter Output Offset vs Temperature and Supply Voltage
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.14
–40
0
257085
2.7V
3.0V
5.5V
Limiter Bandwidth vs Temperature
1.6
1.8
2.0
2.2
2.4
2.6
2.8
–40
0
25
70
85
Limiter Output vs Temperature and Supply Voltage
200
250
300
350
400
450
–40
0
257085
2.7V
3.0V
5.5V
Temperature (
°C)
Temperature (
°C)
Temperature (
°C)
Temperature (
°C)
–40
°C
Temperature (
°C)
RSSI vs Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
–118
–108
–98
–88
–78
–68
–58
–48
–38
–28
RF Input (dBm)
25
°C
85
°C
–40
°C
RSSI vs Supply Voltage
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
–118
–108
–98
–88
–78
–68
–58
–48
–38
–28
RF Input (dBm)
5.5V
3.0V
2.7V
IF Bandwidth vs. Temperature
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
–40
0
25
70
85
Temperature (
°C)
Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com