Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA647DH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA647DH
Description  Low-voltage digital IF receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA647DH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA647DH Datasheet HTML 5Page - NXP Semiconductors SA647DH Datasheet HTML 6Page - NXP Semiconductors SA647DH Datasheet HTML 7Page - NXP Semiconductors SA647DH Datasheet HTML 8Page - NXP Semiconductors SA647DH Datasheet HTML 9Page - NXP Semiconductors SA647DH Datasheet HTML 10Page - NXP Semiconductors SA647DH Datasheet HTML 11Page - NXP Semiconductors SA647DH Datasheet HTML 12Page - NXP Semiconductors SA647DH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
SA647
Low-voltage digital IF receiver
1998 Aug 10
9
GENERAL TEST CIRCUIT DESCRIPTION
C1
0.01
mF
C11
100nF
C21
0.01
mF
R1
249
W
R13
50
W
R24
8.66
W
L1
120nH
C2
12pF
C12
100nF
C22
0.1
mF
R2
60.4
W
R14
13.7
W
R25
130
W
L2
120nH
C3
39pF
C13
30pF
C23
100nF
R3
60.4
W
R
15 1.5KW
R26
182
W
L3
56
mH
C4
0.01
mF
C14
0.1
mF
C24
0.1
mF
R4
10K
W
R16
1.5K
W
R27
182
W
FLT 600kHz
C5
15pF
C15
30pF
C25
0.1
mF
R5
10K
W
R17
1K
W
R28
10K
W
C6
39pF
C16
100nF
C26
100nF
R6
10K
W
R18
13.7K
W
R29
10K
W
C7
3.9pF
C17
100nF
C27
0.1
mF
R7
10K
W
R19
50K
W
R30
3.92K
W
C8
0.1
mF
C18
0.1
mF
C28
0.1
mF
R8
10K
W
R20
1.69K
W
C9
100nF
C19
270pF
R9
10K
W
R21
2.43K
W
C10
100nF
C20
1500pF
R10
1.5K
W
R22
50
W
R11
1.5K
W
R23
130
W
R12
1.69K
W
SR01728
10
9
8
7
6
5
4
3
2
1
20
19
18
17
16
15
14
13
12
11
FAST RSSI
PWD
C11
R30
C28
C16
Automatic Test Circuit Component List
OSCILLATOR
LIMITER
+–
IF
AMP
C10
C9
OSC
BUFF
R10
LIMITER
LO INPUT
R8
R9
C7
R6
C4
R5
R4
C1
C2
L1
R2
R3
+–
C3
L2
C5
RF INPUT
C6
C8
OUT (–)
C13
R7
C17
R21
R22
R29
R28
R27
R26
R25
R24
C27
C25
R20
R19
C22
R17
C21
R16
R15
C20
L3
C19
R14
R13
C18
C23
C15
R11
C14
IF OR LIMITER INPUT
MIXER OUT
C14
R23
LIM DEC
2
5
1
3
4
C26
R1
FLT
LIMITER OUT (+)
LIM DEC
LO
BUFFER
OUTPUT
VCC
RSSI
OUT
Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com