Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA647DH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA647DH
Description  Low-voltage digital IF receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA647DH Datasheet(HTML) 4 Page - NXP Semiconductors

  SA647DH Datasheet HTML 1Page - NXP Semiconductors SA647DH Datasheet HTML 2Page - NXP Semiconductors SA647DH Datasheet HTML 3Page - NXP Semiconductors SA647DH Datasheet HTML 4Page - NXP Semiconductors SA647DH Datasheet HTML 5Page - NXP Semiconductors SA647DH Datasheet HTML 6Page - NXP Semiconductors SA647DH Datasheet HTML 7Page - NXP Semiconductors SA647DH Datasheet HTML 8Page - NXP Semiconductors SA647DH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Philips Semiconductors
Product specification
SA647
Low-voltage digital IF receiver
1998 Aug 10
4
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Supply voltage
-0.3 to +6.0
V
VIN
Voltage applied to any other pin
-0.3 to (VCC + 0.3)
V
TSTG
Storage temperature range
-65 to +150
°C
TA
Operating ambient temperature range
-40 to +85
°C
NOTE: Thermal impedance (
θJA) = 135°C/W
DC ELECTRICAL CHARACTERISTICS
VCC = +3.0V, TA = 25°C; unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Power supply voltage range
2.7
5.5
V
ICC
DC current drain
4
5.3
7
mA
Standby
Pin 9 = LOW
0.11
mA
Input current
Pin 9 = LOW
-10
10
µA
Pin 9 = HIGH
-10
10
µA
Input level
Pin 9 = LOW
0
0.3VCC
V
Pin 9 = HIGH
0.7 VCC
VCC
V
τon
Power–up time
RSSI valid (10% to 90%)
10
msec
τoff
Power–down time
RSSI valid (90% to 10%)
5
msec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com