Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA647DH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA647DH
Description  Low-voltage digital IF receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA647DH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA647DH Datasheet HTML 6Page - NXP Semiconductors SA647DH Datasheet HTML 7Page - NXP Semiconductors SA647DH Datasheet HTML 8Page - NXP Semiconductors SA647DH Datasheet HTML 9Page - NXP Semiconductors SA647DH Datasheet HTML 10Page - NXP Semiconductors SA647DH Datasheet HTML 11Page - NXP Semiconductors SA647DH Datasheet HTML 12Page - NXP Semiconductors SA647DH Datasheet HTML 13Page - NXP Semiconductors SA647DH Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
Product specification
SA647
Low-voltage digital IF receiver
1998 Aug 10
10
1
4
3
18k
MIX
150
µA
6
VREF
BANDGAP
8
+
VCC
—
7
VCC
+
—
9
R
R
PIN
No.
PIN
MNEMONIC
DC V
EQUIVALENT CIRCUIT
PIN
No.
PIN
MNEMONIC
DC V
EQUIVALENT CIRCUIT
1
RF IN
+2.35
8
RSSI
+0.20
FEEDBACK
2
RF
+1.56
7
RSSI
+0.20
OUT
BYPASS
3
OSC
+2.21
9
POWER
+2.00
DOWN
E
4
OSC
+2.78
B
6VCC
+3.00
5
150
µA
5
OSC
+2.21
BUFFER
SR01729
2
RF BYPASS
RF IN
26
30K
400
Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com