Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2104 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2104
Description  1.7MHz, 600mA Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2104 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2104 Datasheet HTML 1Page - Monolithic Power Systems MP2104 Datasheet HTML 2Page - Monolithic Power Systems MP2104 Datasheet HTML 3Page - Monolithic Power Systems MP2104 Datasheet HTML 4Page - Monolithic Power Systems MP2104 Datasheet HTML 5Page - Monolithic Power Systems MP2104 Datasheet HTML 6Page - Monolithic Power Systems MP2104 Datasheet HTML 7Page - Monolithic Power Systems MP2104 Datasheet HTML 8Page - Monolithic Power Systems MP2104 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP2104 – 1.7MHz 600mA SYNCHRONOUS STEP-DOWN CONVERTER
MP2104 Rev. 1.3
www.MonolithicPower.com
3
10/4/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
ELECTRICAL CHARACTERISTICS (continued) (5)
VIN = VEN = 3.6V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
MP2104DJ-1.5
IOUT = 50mA
–40°C ≤ TA ≤ +85°C
1.455
1.500
1.545
Regulated Output Voltage
MP2104DJ-1.8
IOUT = 50mA
–40°C ≤ TA ≤ +85°C
1.746
1.800
1.854
V
PFET On Resistance
ISW = 100mA
0.44
Ω
NFET On Resistance
ISW = –100mA
0.29
Ω
SW Leakage Current
VEN = 0V, VIN = 6V
VSW = 0V or 6V
–1
+1
µA
PFET Current Limit
Duty Cycle = 100%,
Current Pulse Width < 1ms
0.7
1.0
1.35
A
Oscillator Frequency
1.26
1.70
2.08
MHz
Thermal Shutdown Trip
Threshold
145
°C
EN Trip Threshold
–40°C ≤ TA ≤ +85°C
0.3
0.96
1.5
V
EN Input Current
VEN = 0V to 6V
–1
+1
µA
Notes:
5) 100% production test at +25°C. Typical and temperature specifications are guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com