Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2104 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2104
Description  1.7MHz, 600mA Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2104 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2104 Datasheet HTML 2Page - Monolithic Power Systems MP2104 Datasheet HTML 3Page - Monolithic Power Systems MP2104 Datasheet HTML 4Page - Monolithic Power Systems MP2104 Datasheet HTML 5Page - Monolithic Power Systems MP2104 Datasheet HTML 6Page - Monolithic Power Systems MP2104 Datasheet HTML 7Page - Monolithic Power Systems MP2104 Datasheet HTML 8Page - Monolithic Power Systems MP2104 Datasheet HTML 9Page - Monolithic Power Systems MP2104 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP2104 – 1.7MHz 600mA SYNCHRONOUS STEP-DOWN CONVERTER
MP2104 Rev. 1.3
www.MonolithicPower.com
6
10/4/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
PIN FUNCTIONS
Pin # Name Description
1
EN
Regulator Enable Control Input. Drive EN above 1.5V to turn on the MP2104. Drive EN below
0.3V to turn it off (shutdown current < 0.1µA).
2
GND Ground.
3
SW
Power Switch Output. Inductor connection to drains of the internal PFET and NFET switches.
4
IN
Supply Input. Bypass to GND with a 2.2µF or greater ceramic capacitor.
5
FB
Feedback Input (MP2104DJ). Connect FB to the center point of the external resistor divider. The
feedback threshold voltage is 0.6V.
5
OUT
Output Voltage Sense Input (MP2104DJ-1.5 and MP2104DJ-1.8). An internal resistor divider is
connected to this pin to set the proper output voltage.
OPERATION
The MP2104 is a constant frequency current
mode PWM step-down converter. The MP2104
is optimized for low voltage, Li-Ion battery
powered applications where high efficiency and
small size are critical. The MP2104 uses an
external resistor divider to set the output
voltage from 0.6V to 6V. The device integrates
both a main switch and a synchronous rectifier,
which provides high efficiency and eliminates
an external Schottky diode. The MP2104 can
achieve 100% duty cycle. The duty cycle D of a
step-down converter is defined as:
%
100
V
V
%
100
f
T
D
IN
OUT
OSC
ON
×
×
×
=
Where TON is the main switch on time, fOSC is
the oscillator frequency (1.7MHz), VOUT is the
output voltage and VIN is the input voltage.
IN
EN
FB
GND
SW
+
+
--
PWMCMP
PWM
OSC
+
--
EAMP
ICS
SLOPE COMP
FEEDBACK
ERROR
AMP
0.6V
EAO
CC
17pF
BIAS
&
VOLTAGE
REFERENCE
PWM
CONTROL
LOGIC
1.7MHz
OSCILLATOR
IAMP
10X
CURRENT
SENSE
AMP
DH
DL
+
--
MAIN
SWITCH
(PCH)
SYNCHRONOUS
RECTIFIER
(NCH)
MP2104_BD01
Figure 1—Functional Block Diagram (MP2104)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com