Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2104 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2104
Description  1.7MHz, 600mA Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2104 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2104 Datasheet HTML 2Page - Monolithic Power Systems MP2104 Datasheet HTML 3Page - Monolithic Power Systems MP2104 Datasheet HTML 4Page - Monolithic Power Systems MP2104 Datasheet HTML 5Page - Monolithic Power Systems MP2104 Datasheet HTML 6Page - Monolithic Power Systems MP2104 Datasheet HTML 7Page - Monolithic Power Systems MP2104 Datasheet HTML 8Page - Monolithic Power Systems MP2104 Datasheet HTML 9Page - Monolithic Power Systems MP2104 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MP2104 – 1.7MHz 600mA SYNCHRONOUS STEP-DOWN CONVERTER
MP2104 Rev. 1.3
www.MonolithicPower.com
8
10/4/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
APPLICATION INFORMATION
Output Voltage Setting (MP2104DJ)
The external resistor divider sets the output
voltage (see Figure 3). The feedback resistor R1
also sets the feedback loop bandwidth with the
internal compensation capacitor (see Figure 1).
Choose R1 around 300kΩ for optimal transient
response. R2 is then given by:
1
V
6
.
0
V
1
R
2
R
OUT −
=
Table 1—Resistor Selection vs. Output
Voltage Setting
VOUT
R1
R2
1.2V
300k
Ω (1%)
300k
Ω (1%)
1.5V
300k
Ω (1%)
200k
Ω (1%)
1.8V
300k
Ω (1%)
150k
Ω (1%)
2.5V
300k
Ω (1%)
95.3k
Ω (1%)
Inductor Selection
A 1µH to 10µH inductor with DC current rating
at least 25% higher than the maximum load
current is recommended for most applications.
For best efficiency, the inductor DC resistance
shall
be
<200mΩ.
See
Table
2
for
recommended inductors and manufacturers.
For most designs, the inductance value can be
derived from the following equation:
()
OSC
L
IN
OUT
IN
OUT
f
I
V
V
V
V
L
×
∆
×
−
×
=
Where ∆IL is the inductor ripple current. Choose
inductor ripple current approximately 30% of the
maximum load current, 600mA.
The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
∆
+
=
Under light load conditions below 100mA, larger
inductance is recommended for improved
efficiency. Table 3 lists inductors recommended
for this purpose.
Table 2—Suggested Surface Mount Inductors
Manufacturer
Part Number
Inductance (µH)
Max DCR (Ω)
Saturation
Current (A)
Dimensions
LxWxH (mm
3)
Coilcraft
LP1704-222M
2.2
0.07
1.7
6.5x5.3x2
Toko
D312C
2.2
0.14
1.0
3.6x3.6x1
Sumida
CDRH3D16
2.2
0.072
1.2
4x4x1.8
Taiyo Yuden
LBC2518
2.2
0.13
0.6
2.5x1.8x1.8
Table 3—Inductors for Improved Efficiency at 25mA, 50mA, under 100mA Load.
Manufacturer
Part Number
Inductance (µH)
Max DCR (Ω)
Saturation
Current (A)
IRMS (A)
Coilcraft
DO1605T-103MX
10
0.3
1.0
0.9
Murata
LQH4C100K04
10
0.2
1.2
0.8
Sumida
CMD4D06-100
10
0.3
0.7
0.5
Sumida
CR32-100
10
0.2
1.0
0.7
Sumida
CR54-100
10
0.1
1.2
1.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com