Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2104 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2104
Description  1.7MHz, 600mA Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2104 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2104 Datasheet HTML 1Page - Monolithic Power Systems MP2104 Datasheet HTML 2Page - Monolithic Power Systems MP2104 Datasheet HTML 3Page - Monolithic Power Systems MP2104 Datasheet HTML 4Page - Monolithic Power Systems MP2104 Datasheet HTML 5Page - Monolithic Power Systems MP2104 Datasheet HTML 6Page - Monolithic Power Systems MP2104 Datasheet HTML 7Page - Monolithic Power Systems MP2104 Datasheet HTML 8Page - Monolithic Power Systems MP2104 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP2104
1.7MHz, 600mA Synchronous
Step-Down Converter
MP2104 Rev. 1.3
www.MonolithicPower.com
1
10/4/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP2104 is a 1.7MHz constant frequency,
current mode, PWM step-down converter. The
device
integrates
a
main
switch
and
a
synchronous rectifier for high efficiency without an
external Schottky diode. It is ideal for powering
portable equipment that runs from a single cell
Lithium-Ion (Li+) battery. The MP2104 can supply
600mA of load current from a 2.5V to 6V input
voltage. The output voltage for the MP2104DJ
can be regulated as low as 0.6V, while the output
voltages
of
the
MP2104DJ-1.5
and
MP2104DJ-1.8 are fixed at 1.5V and 1.8V,
respectively. The MP2104 can also run at 100%
duty cycle for low dropout applications.
The MP2104 is available in a low profile (1mm)
5-pin, TSOT package.
ORDERING INFORMATION
Part Number
Output Voltage
MP2104DJ-1.5
VOUT = 1.5V
MP2104DJ-1.8
VOUT = 1.8V
MP2104DJ
VOUT = 0.6V to 6V
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2104DJ-00A
2.0”X x 2.0”Y x 0.5”Z
FEATURES
• High Efficiency: Up to 95%
• 1.7MHz Constant Switching Frequency
• 600mA Available Load Current
• 2.5V to 6V Input Voltage Range
• Output Voltage as Low as 0.6V
• 100% Duty Cycle in Dropout
• Current Mode Control
• Short Circuit Protection
• Thermal Fault Protection
• <0.1µA Shutdown Current
• 1.5V and 1.8V Fixed Output Versions
• Space Saving 5-Pin TSOT23 Package
APPLICATIONS
• Cellular and Smart Phones
• Microprocessors and DSP Core Supplies
• PDAs
• MP3 Players
• Digital Still and Video Cameras
• Portable Instruments
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP2104DJ-1.8
SW
3
5
2
1
4
OUT
EN
GND
IN
OUTPUT
1.8V
600mA
INPUT
2.5V - 6V
MP2104_TAC_S01
OFF ON
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
LOAD CURRENT (mA)
MP2104-EC01
Efficiency vs
Load Current
VIN = 3.3V
VIN = 4.2V


Similar Part No. - MP2104

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2104DJ MPS-MP2104DJ Datasheet
159Kb / 4P
600mA Synchronous Buck Step-Down Converter
More results

Similar Description - MP2104

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2104DJ-00A MPS-EV2104DJ-00A Datasheet
159Kb / 4P
600mA Synchronous Buck Step-Down Converter
logo
ADDtek Corp
AMC3100 ADDTEK-AMC3100 Datasheet
344Kb / 10P
1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
JUNE 2006
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
1.5MHz, 600mA Synchronous Step-down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1680 YOBON-YB1680 Datasheet
862Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Exar Corporation
SP6669 EXAR-SP6669 Datasheet
745Kb / 10P
1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
logo
Advanced Power Electron...
APE1501 A-POWER-APE1501 Datasheet
728Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28114 MPS-MP28114 Datasheet
505Kb / 11P
Ultra-small 1.7MHz, 600mA, Low-Voltage Synchronous Step-Down Converter
MP28119 MPS-MP28119 Datasheet
287Kb / 12P
Ultra-small 1.7MHz, 600mA, Low-Voltage Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001_15 Datasheet
259Kb / 10P
1.5MHz, 600mA Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8906A SHOUDING-SD8906A Datasheet
1Mb / 7P
600mA, 1.5MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com