Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2104 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2104
Description  1.7MHz, 600mA Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2104 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2104 Datasheet HTML 1Page - Monolithic Power Systems MP2104 Datasheet HTML 2Page - Monolithic Power Systems MP2104 Datasheet HTML 3Page - Monolithic Power Systems MP2104 Datasheet HTML 4Page - Monolithic Power Systems MP2104 Datasheet HTML 5Page - Monolithic Power Systems MP2104 Datasheet HTML 6Page - Monolithic Power Systems MP2104 Datasheet HTML 7Page - Monolithic Power Systems MP2104 Datasheet HTML 8Page - Monolithic Power Systems MP2104 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP2104 – 1.7MHz 600mA SYNCHRONOUS STEP-DOWN CONVERTER
MP2104 Rev. 1.3
www.MonolithicPower.com
4
10/4/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.3V, VOUT = 1.8V, L1 = 10µH, C1 = 4.7µF, C3 = 10µF, TA = +25°C, unless otherwise noted.
2.05
1.95
1.85
1.75
1.65
1.55
1.45
1.35
1.25
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
SUPPLY VOLTAGE (V)
MP2104-TPC09
Oscillator Frequency vs
Supply Voltage
1.810
1.808
1.806
1.804
1.802
1.800
23456
SUPPLY VOLTAGE (V)
MP2104-TPC06
Output Voltage vs
Supply Voltage
ILOAD = 200mA
1.85
1.83
1.81
1.79
1.77
1.75
1.73
1.71
1.69
1.67
1.65
0 100 200 300 400 500 600 700 800 900
LOAD CURRENT (mA)
MP2104-TPC05
Output Voltage vs
Load Current
VIN = 3.3V
1.3
1.2
1.1
1.0
0.9
0.8
0.7
TEMPERATURE (
°C)
MP2104-TPC08
PFET Current Limit vs
Temperature
0.620
0.615
0.610
0.605
0.600
0.595
0.590
0.585
0.580
-50 -30 -10 10 30 40 70 90 110 130
-50 -30 -10 10 30 40 70 90 110 130
TEMPERATURE (
°C)
MP2104-TPC07
Regulated FB Voltage vs
Temperature
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
LOAD CURRENT (mA)
MP2104-TPC03
Efficiency vs
Load Current
VOUT = 1.8V
VIN = 3.3V
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
LOAD CURRENT (mA)
MP2104-TPC04
Efficiency vs
Load Current
VOUT = 1.8V
VIN = 4.2V
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
LOAD CURRENT (mA)
MP2104-TPC02
Efficiency vs
Load Current
VIN = 3.3V
VIN = 4.2V
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
LOAD CURRENT (mA)
MP2104-TPC01
Efficiency vs
Load Current
VIN = 3.3V
VIN = 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com