Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2104 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2104
Description  1.7MHz, 600mA Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2104 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2104 Datasheet HTML 2Page - Monolithic Power Systems MP2104 Datasheet HTML 3Page - Monolithic Power Systems MP2104 Datasheet HTML 4Page - Monolithic Power Systems MP2104 Datasheet HTML 5Page - Monolithic Power Systems MP2104 Datasheet HTML 6Page - Monolithic Power Systems MP2104 Datasheet HTML 7Page - Monolithic Power Systems MP2104 Datasheet HTML 8Page - Monolithic Power Systems MP2104 Datasheet HTML 9Page - Monolithic Power Systems MP2104 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MP2104 – 1.7MHz 600mA SYNCHRONOUS STEP-DOWN CONVERTER
MP2104 Rev. 1.3
www.MonolithicPower.com
7
10/4/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
IN
EN
OUT
GND
SW
+
+
--
PWMCMP
PWM
OSC
+
--
EAMP
ICS
SLOPE COMP
FEEDBACK
ERROR
AMP
0.6V
EAO
CC
17pF
BIAS
&
VOLTAGE
REFERENCE
PWM
CONTROL
LOGIC
1.7MHz
OSCILLATOR
IAMP
10X
CURRENT
SENSE
AMP
DH
DL
+
--
MAIN
SWITCH
(PCH)
SYNCHRONOUS
RECTIFIER
(NCH)
MP2104_BD01
Figure 2—Functional Block Diagram (MP2104DJ-1.5 / MP2104DJ-1.8)
Current Mode PWM Control
Slope compensated current mode PWM control
provides stable switching and cycle-by-cycle
current limit for superior load and line response
and protection of the internal main switch and
synchronous rectifier. The MP2104 switches at a
constant frequency (1.7MHz) and regulates the
output voltage. During each cycle the PWM
comparator modulates the power transferred to the
load by changing the inductor peak current based
on the feedback error voltage. During normal
operation, the main switch is turned on for a certain
time to ramp the inductor current at each rising
edge of the internal oscillator, and switched off
when the peak inductor current is above the error
voltage. When the main switch is off, the
synchronous rectifier will be turned on immediately
and stay on until either the next cycle starts.
Dropout Operation
The MP2104 allows the main switch to remain on
for more than one switching cycle and increases
the duty cycle while the input voltage is dropping
close to the output voltage. When the duty cycle
reaches 100%, the main switch is held on
continuously to deliver current to the output up to
the PFET current limit. The output voltage then is
the input voltage minus the voltage drop across
the main switch and the inductor.
Short Circuit Protection
The MP2104 has short circuit protection. When
the output is shorted to ground, the oscillator
frequency is reduced to prevent the inductor
current from increasing beyond the PFET current
limit. The PFET current limit is also reduced to
lower the short circuit current. The frequency and
current limit will return to the normal values once
the short circuit condition is removed and the
feedback voltage reaches 0.6V.
Maximum Load current
The MP2104 can operate down to 2.5V input
voltage, however the maximum load current
decreases at lower input due to large IR drop on
the main switch and synchronous rectifier. The
slope compensation signal reduces the peak
inductor current as a function of the duty cycle to
prevent sub-harmonic oscillations at duty cycles
greater than 50%. Conversely the current limit
increases as the duty cycle decreases.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com