Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2489 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2489
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2489 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2489 Datasheet HTML 9Page - RF Micro Devices RF2489 Datasheet HTML 10Page - RF Micro Devices RF2489 Datasheet HTML 11Page - RF Micro Devices RF2489 Datasheet HTML 12Page - RF Micro Devices RF2489 Datasheet HTML 13Page - RF Micro Devices RF2489 Datasheet HTML 14Page - RF Micro Devices RF2489 Datasheet HTML 15Page - RF Micro Devices RF2489 Datasheet HTML 16Page - RF Micro Devices RF2489 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13 of 30
RF2489
Rev A21 DS070308
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic with Dual-Band TX LO Buffer Output
1
3
6
4
5
2
9
14
10
13
11
12
32
27
31
28
30
29
24
22
19
21
20
23
26
25
7
8
15
16
18
17
/2
/2 SELECT
33 nF
1 pF
68
Ω
2 nH
VCC
TX BUFF ENABLE
BUF ENABLE
1 nH
DNI
47 nH
33 nF
DNI
IN
OUT
F1
2
5
LNA GAIN
MIX GAIN
7.5 nH
15 nH
VCC
33 nF
1.5 nH
47 nH
33 nF
8.7 nH
VCC
DNI
F2
1
4
3
6
GND
GND
GND
GND
20 k
Ω
5.1 k
Ω
47 nH
33 nF
DNI
IF SEL
IP SET
BAND SEL
33 nF
VCC
R
L1
C1
L2
0
Ω
C2
DNI
VCC
C1
R
L1
C1
C1
L2
VCC
0
Ω
C2
DNI
CDMA
IF OUT
FM IF OUT
LO IN
HB/LB LO OUT
LNA H IN
LNA L IN
0
Ω
7.5 nH
0.5 pF
Output Interface Network
L1, C1, and R form a current combiner which per-
forms a differential to single-ended conversion at the
IF frequency and sets the output impedance. In most
cases, the resonance frequency is independent of R
and can be set according to the following equation:
Where CEQ is the equivalent stray capacitance and
capacitance looking into pins 1 and 2. An average value
to use for CEQ is 2.5pF to 3pF.
R can then be used to set the output impedance
according to the following equation:
where ROUT is the desired output impedance and RP is
the parasitic equivalent parallel resistance of L1.
C1 should be chosen as high as possible (not greater
than 22pF), while maintaining an RP of L1 that allows
for the desired ROUT.
L2 and C2 serve dual purposes. L2 serves as an output
bias choke, and C2 serves as a series DC block.
In addition, L2 and C2 may be chosen to form an imped-
ance matching network if the input impedance of the IF
filter is not equal to ROUT. Otherwise, L2 is chosen to be
large, and C2 is chosen to be large if a DC path to
ground is present in the IF filter, or omitted if the filter is
DC blocked.
1
2
π L1
2
(C1 + C
EQ)
f
IF =
R =
1
4 R
OUT
- 1
R
P
()
-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com