Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2489 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2489
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2489 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2489 Datasheet HTML 1Page - RF Micro Devices RF2489 Datasheet HTML 2Page - RF Micro Devices RF2489 Datasheet HTML 3Page - RF Micro Devices RF2489 Datasheet HTML 4Page - RF Micro Devices RF2489 Datasheet HTML 5Page - RF Micro Devices RF2489 Datasheet HTML 6Page - RF Micro Devices RF2489 Datasheet HTML 7Page - RF Micro Devices RF2489 Datasheet HTML 8Page - RF Micro Devices RF2489 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1 of 30
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
GND
CELL LNA OUT
CELL LNA EMITTER
CELL LNA IN
GND
PCS LNA IN
/2 SELECT
CDMA-
CDMA+
FM-
FM+
PCS LO OUT
PCS LNA OUT
LO IN
1
3
6
4
5
2
9
14
10
13
11
12
32
27
31
28
30
29
24
22
19
21
20
23
26
25
7
8
15
16
18
17
CELL LO OUT
VCC2
/2
RF2489
DUAL-BAND/TRI-MODE CDMA
LOW NOISE AMPLIFIER/MIXER
The RF2489 is a high performance CDMA dual-band/tri-mode integrated
LNA/mixer. The device is designed to meet all IS-98 sensitivity, intermodu-
lation and single-tone requirements. The operating voltage is 2.7V and is
compatible with 1.8V logic for control lines. The RF2489 integrates the
dual-band LNA/downconverters with 30dB of gain control and TX LO buff-
ers. Additionally, a divide-by-2 prescaler to allow the use of a single-band
VCO is integrated. The design is flexible, in that the bias currents may be
set using off-chip current reference resistors for both the LNA and mixer
blocks. The device is packaged in a 5mmx5mm leadless plastic package.
Features
30dB of Stepped LNA/Mixer
Gain Control
Adjustable Mixer & LNA Bias
Current/IIP3
A Divide-by-2 Prescaler
Meets IMD Tests with Three
Gain States/Two Logic Con-
trol Lines
Integrated TX LO Buffer Ampli-
fiers
Applications
CDMA/Cellular/PCS Hand-
sets
CDMA Cellular/GPS Handsets
JCDMA/GPS Handsets
CDMA Modem/Data Cards
Commercial and Consumer
Systems
Portable Battery-Powered
Equipment
RF2489
Dual-Band/Tri-Mode CDMA Low Noise Amplifier/Mixer
RF2489
Dual-Band/Tri-Mode JCDMA/GPS LNA/Mixer
RF2489PCBA-41X
Fully Assembled Evaluation Board
Rev A21 DS070308
NOT FOR NEW DESIGNS
RoHS Compliant & Pb-Free Product
Package Style: QFN, 32-Pin, 5x5


Similar Part No. - RF2489

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2489 RFMD-RF2489 Datasheet
490Kb / 16P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
More results

Similar Description - RF2489

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2489 RFMD-RF2489 Datasheet
490Kb / 16P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF2492 RFMD-RF2492 Datasheet
483Kb / 22P
DUAL-BAND LOW NOISE AMPLIFIER/MIXER
RF3404 RFMD-RF3404 Datasheet
202Kb / 12P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2890 RFMD-RF2890 Datasheet
183Kb / 14P
DUAL-BAND CDMA CELLULAR/GPS LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498_07 Datasheet
682Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF5144 RFMD-RF5144 Datasheet
82Kb / 8P
DUAL-BAND CDMA 800MHz/1900MHz TRI-MODE POWER AMPLIFIER MODULE
RF2498 RFMD-RF2498_1 Datasheet
877Kb / 22P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com