Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2489 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2489
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2489 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2489 Datasheet HTML 1Page - RF Micro Devices RF2489 Datasheet HTML 2Page - RF Micro Devices RF2489 Datasheet HTML 3Page - RF Micro Devices RF2489 Datasheet HTML 4Page - RF Micro Devices RF2489 Datasheet HTML 5Page - RF Micro Devices RF2489 Datasheet HTML 6Page - RF Micro Devices RF2489 Datasheet HTML 7Page - RF Micro Devices RF2489 Datasheet HTML 8Page - RF Micro Devices RF2489 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4 of 30
RF2489
Rev A21 DS070308
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Other
LO-IF Isolation
36
dB
RF-IF Isolation
40
dB
LNA Out to Mixer In Isolation
30
40
dB
LO-LNA In Isolation, Any State
35
dB
GPS Frequency
Freq=1575.42MHz
LNA (On)
LNA 50
Ω match
Gain
16.5
18.0
dB
IP SET=1
15.5
16.5
dB
IP SET=0
Noise Figure
1.4
1.6
dB
IP SET=1
1.3
1.6
dB
IP SET=0
Input IP3
-6.0
-5.0
dBm
IP SET=1
-11.0
-9.0
dBm
IP SET=0
Current
6.5
mA
IP SET=1
4.5
mA
IP SET=0
Isolation
20
dB
Mixer
Mixer RF amp ON
LO Input Level=-4dBm
Gain
15
16
17
dB
Noise Figure
7
9
dB
Input IP3
+1.0
+1.5
dBm
Current
19.5
mA
LO to RF Isolation
36
dB
Other
LO-IF Isolation
36
dB
RF-IF Isolation
40
dB
LNA Out to Mixer In Isolation
30
40
dB
LO-LNA In Isolation, Any State
35
dB
Control Lines
Input Capacitance
1
pF
BAND SEL, IF SEL, IP SET, LNA GAIN, ENABLE,
MIX GAIN, TX BUFF ENABLE,
/2 SELECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com