Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2489 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2489
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2489 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2489 Datasheet HTML 2Page - RF Micro Devices RF2489 Datasheet HTML 3Page - RF Micro Devices RF2489 Datasheet HTML 4Page - RF Micro Devices RF2489 Datasheet HTML 5Page - RF Micro Devices RF2489 Datasheet HTML 6Page - RF Micro Devices RF2489 Datasheet HTML 7Page - RF Micro Devices RF2489 Datasheet HTML 8Page - RF Micro Devices RF2489 Datasheet HTML 9Page - RF Micro Devices RF2489 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6 of 30
RF2489
Rev A21 DS070308
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Current Measurement
NOTES:
All IDC current numbers include bias circuitry current of 3.5mA.
TX Buffer On: Add 2mA to total current.
/2 Select On: Add 2mA to total current.
“X” denotes setting does not impact current.
BAND
SEL
IF
SEL
ENABLE
LNA
GAIN
MIX
GAIN
IP
SET
TX BUFF
ENABLE
/2
SELECT
IDC
(mA)
CDMA Cellular
JCDMA
LNA On, Mixer Preamp On,
TX Buffer Off, /2 Off
00
1
1
10
0
0
27.5
LNA On, Mixer Preamp Off,
TX Buffer Off, /2 Off
00
1
1
00
0
0
23.0
LNA Bypassed, Mixer Preamp On,
TX Buffer Off, /2 Off
00
1
0
10
0
0
23.0
LNA Bypassed, Mixer Preamp Off,
TX Buffer Off, /2 Off
00
1
0
00
0
0
18.5
FM
LNA On, Mixer Preamp On,
TX Buffer Off, /2 Off
01
1
1
10
0
0
27.5
LNA On, Mixer Preamp Off,
TX Buffer Off, /2 Off
01
1
1
00
0
0
23.0
LNA Bypassed, Mixer Preamp On,
TX Buffer Off, /2 Off
01
1
0
10
0
0
23.0
LNA Bypassed, Mixer Preamp Off,
TX Buffer Off, /2 Off
01
1
0
00
0
0
18.5
CDMA PCS - High IIP3 LNA Mode
LNA On, Mixer Preamp On,
TX Buffer Off, /2 Off
10
1
1
11
0
0
29.5
LNA Off, Mixer Preamp Off,
TX Buffer Off, /2 Off
10
1
1
01
0
0
25.0
LNA Bypassed, Mixer Preamp On,
TX Buffer Off, /2 Off
10
1
0
11
0
0
23.0
LNA Bypassed, Mixer Preamp Off,
TX Buffer Off, /2 Off
10
1
0
01
0
0
18.5
GPS
LNA On, Mixer On
1
0
1
1
1
1
0
0
26.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com