Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2489 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2489
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2489 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2489 Datasheet HTML 1Page - RF Micro Devices RF2489 Datasheet HTML 2Page - RF Micro Devices RF2489 Datasheet HTML 3Page - RF Micro Devices RF2489 Datasheet HTML 4Page - RF Micro Devices RF2489 Datasheet HTML 5Page - RF Micro Devices RF2489 Datasheet HTML 6Page - RF Micro Devices RF2489 Datasheet HTML 7Page - RF Micro Devices RF2489 Datasheet HTML 8Page - RF Micro Devices RF2489 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2 of 30
RF2489
Rev A21 DS070308
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.0
V
DC
Input LO and RF Levels
+6
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25°C, V
CC =2.75V
RF Frequency Range
869 to 894
MHz
1930 to 1990
MHz
1575.42
MHz
GPS
IF Frequency Range
0.1 to 400
MHz
Cellular Band
JCDMA Band
Freq=869MHz to 894MHz
Freq=832MHz to 870MHz
LNA (On)
LNA 50
Ω match
Gain
13.5
15.0
16.5
dB
IP SET=1
13.0
14.5
16.0
dB
IP SET=0
Noise Figure
1.1
1.3
dB
IP SET=1
1.1
1.3
dB
IP SET=0
Input IP3
+8.0
+10.5
dBm
IP SET=1
+5.0
+8.5
dBm
IP SET=0
Current
6.5
mA
IPSET=1
4.5
mA
IPSET=0
Isolation
23
dB
LNA (Off)
Gain
-6.5
-5.0
-3.5
dB
Noise Figure
5.0
5.5
dB
Input IP3
+21.0
+25.0
dBm
Current
0
mA
Isolation
5
dB
Mixer - CDMA/JCDMA
LO Input Level=-4dBm
Gain
12.0
13.5
15.0
dB
Mixer Preamp ON
2
4.5
dB
Mixer Preamp OFF
Noise Figure
7
8
dB
Mixer Preamp ON
14
16
dB
Mixer Preamp OFF
Input IP3
+2.5
+3.5
dBm
Mixer Preamp ON
+11.0
+14.0
dBm
Mixer Preamp OFF
Current
19.5
mA
Mixer Preamp ON/Mixer/LO Input Amps
15.0
mA
Mixer Preamp OFF/Mixer/LO Input Amps
LO to RF Isolation
36
dB
Mixer Preamp ON
30
dB
Mixer Preamp OFF
Caution! ESD sensitive device.
The information in this publication is believed to be accurate and reliable. How-
ever, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use,
nor for any infringement of patents, or other rights of third parties, resulting
from its use. No license is granted by implication or otherwise under any patent
or patent rights of RFMD. RFMD reserves the right to change component cir-
cuitry, recommended application circuitry and specifications at any time without
prior notice.
RoHS status based on EUDirective2002/95/EC (at time of this document revi-
sion).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com