Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2489 Datasheet(PDF) 28 Page - RF Micro Devices

Part # RF2489
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2489 Datasheet(HTML) 28 Page - RF Micro Devices

Back Button RF2489 Datasheet HTML 22Page - RF Micro Devices RF2489 Datasheet HTML 23Page - RF Micro Devices RF2489 Datasheet HTML 24Page - RF Micro Devices RF2489 Datasheet HTML 25Page - RF Micro Devices RF2489 Datasheet HTML 26Page - RF Micro Devices RF2489 Datasheet HTML 27Page - RF Micro Devices RF2489 Datasheet HTML 28Page - RF Micro Devices RF2489 Datasheet HTML 29Page - RF Micro Devices RF2489 Datasheet HTML 30Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
28 of 30
RF2489
Rev A21 DS070308
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Cellular Band LB-LO Output versus VCC (Freq=2128MHz,
Divider=1 (On), Input Power=-4dBm, Temp=25°C)
-7.95
-7.90
-7.85
-7.80
-7.75
-7.70
-7.65
2.65
2.75
2.85
2.95
3.05
3.15
VCC (V)
Cellular LB-LO Output Power versus VCC (Freq=1064MHz,
Divider=0 (Off), Input Power=-4dBm, Temp=25°C)
-10.00
-9.00
-8.00
-7.00
-6.00
2.70
2.75
2.80
2.85
2.90
2.95
3.00
3.05
3.10
3.15
VCC (V)
PCS HB-LO Output Power versus VCC
(Freq=2144MHz, Input Power=-4dBm, Temp=25°C)
-8.80
-8.60
-8.40
-8.20
-8.00
-7.80
-7.60
-7.40
-7.20
-7.00
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
3.05
3.10
3.15
VCC (V)
Cellular LB-LO Output Power versus LO Input Power
(Freq=2128MHz, Divider=1 (On), VCC=2.7V)
-7.92
-7.90
-7.88
-7.86
-7.84
-7.82
-7.80
-7.78
-7.76
-10.00
-8.00
-6.00
-4.00
-2.00
0.00
LO Input Power (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com