Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7686 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP7686
Description  Constant Current Flash Driver in DFN 2mm x 3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7686 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP7686 Datasheet HTML 3Page - Sipex Corporation SP7686 Datasheet HTML 4Page - Sipex Corporation SP7686 Datasheet HTML 5Page - Sipex Corporation SP7686 Datasheet HTML 6Page - Sipex Corporation SP7686 Datasheet HTML 7Page - Sipex Corporation SP7686 Datasheet HTML 8Page - Sipex Corporation SP7686 Datasheet HTML 9Page - Sipex Corporation SP7686 Datasheet HTML 10Page - Sipex Corporation SP7686 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Jul16-07 RevP
SP7686: 500mA LED Driver
2007 Sipex Corporation
- 7 -
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6V, Typical Application Circuit, D1 = Luxeon LXCL-PWF3, Ta = 25C unless otherwise noted.
VFB vs Vctrl Pulse
0
50
100
150
200
250
300
350
400
3
6
9
12
15
18
21
24
27
30
33
Vctrl Pulse
Vin=4.2V
Vin=3.6V
Vin=3.0V
Figure 1. SP7686 VFB Vs VCTRL Pulses
Iout vs Vctrl Pulse
0
50
100
150
200
250
300
350
400
450
500
550
3
6
9
12
15
18
21
24
27
30
33
Vctrl Pulse
Vin=4.2V
Vin=3.6V
Vin=3.0V
Figure 2. SP7686 IOUT Vs VCTRL Pulses
0
100
200
300
400
500
3.0
3.3
3.6
3.9
4.2
Vin (V)
Flash 440mA
Torch 160mA
Torch 88mA
0
10
20
30
40
50
60
70
80
90
100
3.0
3.3
3.6
3.9
4.2
Vin (V)
Flash 440mA
Torch 160mA
Torch 88mA
Figure 3. SP7686 Output Current Vs Input Voltage
Figure 4. SP7686 Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com