Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7686 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7686
Description  Constant Current Flash Driver in DFN 2mm x 3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7686 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7686 Datasheet HTML 1Page - Sipex Corporation SP7686 Datasheet HTML 2Page - Sipex Corporation SP7686 Datasheet HTML 3Page - Sipex Corporation SP7686 Datasheet HTML 4Page - Sipex Corporation SP7686 Datasheet HTML 5Page - Sipex Corporation SP7686 Datasheet HTML 6Page - Sipex Corporation SP7686 Datasheet HTML 7Page - Sipex Corporation SP7686 Datasheet HTML 8Page - Sipex Corporation SP7686 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Jul16-07 RevP
SP7686: 500mA LED Driver
2007 Sipex Corporation
- 1 -
FEATURES
Output current up to 500mA
Up to 94% efficiency in 1x mode
Built-in LED current setting DAC
One line serial interface
2.4MHz switching frequency
FB Reference voltage adjusts in 10mV steps
from 60mV to 360mV
DAC signal shutdown control
Power-saving shutdown mode of 10nA
PWM brightness control for DAC
Fast turn-on (<150µs)
3.5s Timeout function to protect the LED
Thermal shutdown protection
Built-in over-voltage and over-current protection
Fixed output versions available (SP7686A)
Automatic soft start limits in-rush current
Lead Free, RoHS Compliant Package:
Space saving 8-pin 2x3mm DFN
DESCRIPTION
The SP7686 is a current regulated charge pump ideal for powering high-brightness LEDs for camera FLASH
applications of up to 500mA. The charge pump automatically switches between step-up and step-down modes
ensuring that the LED current does not depend on the forward voltage. A low current sense reference voltage
(60mV to 360mV) allows the use of small 0603 current sensing resistors. The SP7686 has a DAC programmable
feedback reference voltage allowing the user to precisely set FLASH and TORCH output current levels, while the
fixed version SP7686A has set levels of FLASH and TORCH reference voltage. Both parts have over-voltage, over-
current, over-temperature and FLASH time-out protection features. The SP7686 is offered in the 2x3mm 8-pin DFN package.
TYPICAL APPLICATION CIRCUITS
SP7686/7686A
Constant Current Flash Driver in DFN 2mm x 3mm
CTRL
VIN
0.22uF
VIN
10uF
2.2uF
SP7686
0.68
500m
A
CTRL
FB
C1
C2
C2
PGND
SGND
SGND
VIN
0.22uF
FLASH
VIN
10uF
2.2uF
SP7686A
500m
A
FLAS
FB
EN
EN
PGND
C1
C2
C2
0.33
Solved by
TM
SP7686
SP7686A


Similar Part No. - SP7686

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7686AEB SIPEX-SP7686AEB Datasheet
148Kb / 5P
Evaluation Board Manual
SP7686AER SIPEX-SP7686AER Datasheet
148Kb / 5P
Evaluation Board Manual
SP7686A SIPEX-SP7686A_07 Datasheet
148Kb / 5P
Evaluation Board Manual
SP7686EB SIPEX-SP7686EB Datasheet
144Kb / 4P
Evaluation Board Manual
SP7686ER SIPEX-SP7686ER Datasheet
144Kb / 4P
Evaluation Board Manual
More results

Similar Description - SP7686

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3471 LINER-LT3471 Datasheet
266Kb / 16P
Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
LTC3409 LINER-LTC3409 Datasheet
246Kb / 16P
600mA Low Vin Buck Regulator in 3mm x 3mm DFN
logo
Exar Corporation
SP7682 EXAR-SP7682 Datasheet
512Kb / 19P
Backlight and Flash Driver in QFN 3mm x 3mm
logo
Linear Technology
LT3498 LINER-LT3498 Datasheet
454Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Linear Technology
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com