Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7686 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7686
Description  Constant Current Flash Driver in DFN 2mm x 3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7686 Datasheet(HTML) 2 Page - Sipex Corporation

  SP7686 Datasheet HTML 1Page - Sipex Corporation SP7686 Datasheet HTML 2Page - Sipex Corporation SP7686 Datasheet HTML 3Page - Sipex Corporation SP7686 Datasheet HTML 4Page - Sipex Corporation SP7686 Datasheet HTML 5Page - Sipex Corporation SP7686 Datasheet HTML 6Page - Sipex Corporation SP7686 Datasheet HTML 7Page - Sipex Corporation SP7686 Datasheet HTML 8Page - Sipex Corporation SP7686 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Jul16-07 RevP
SP7686: 500mA LED Driver
2007 Sipex Corporation
- 2 -
Unless otherwise specified: VIN = 3.6V, CIN=10µF, COUT=2.2µF, CFLY=0.22µF, Typical values at TA=25°C.
♦ Indicates that values apply over the full operating temperature range of -40°C < TA < 85°C.
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Operating VIN Range
2.7
5.5
♦
V
Operating Input Current
2
3
mA
VIN = 2.7 – 5.5V, FLASH = 0V, Iload = 100uA
Shutdown Supply Current
0.01
1
µA
VCRTL < 0.4V for > 350µsec,
VEN < 0.4V (SP7686A)
Quiescent Current
300
µA
VFB = 0mV, DAC=00000
FB Voltage for DAC=00000
0
♦
mV
FB Voltage for DAC=00001
60
mV
FB Voltage for DAC=11111
360
mV
FB DAC LSB
10
mV
FB Voltage Accuracy
-10
10
♦
%
60mV< VFB<360mV, Variation from specified VFB
FB voltage (Fixed version, Torch)
55
60
65
♦
mV
Flash = LOW, (SP7686A)
FB Voltage (Fixed version, Flash)
147
160
173
♦
mV
Flash = HIGH, (SP7686A)
FB Pin Current
0.5
♦
µA
VFB =0.3V
Switching Frequency
2.0
2.4
2.8
♦
MHz
Equivalent Resistance, 1x mode
0.6
1.4
♦
VIN=3.6V
Equivalent Resistance, 2x mode
8
VIN=3.6V
Thermal Regulation
0.01
%/°C
VFB = 60mV
Thermal Shutdown Die
Temperature
140
°C
Driver turns off
Thermal Shutdown Hysteresis
15
°C
Driver turns on again
Settle time (TS) after last count
15
50
µs
Ctrl Input Data Rate
0.5
1
µ
sec
CTRL minimum pulse width
Wake-up time (TPOR) from VIN off
600
♦
µs
VIN pin low to high, 1 CTRL pulse, VFB =0mV
Wake-up time (TON) from
shutdown
200
♦
µs
1 CTRL pulse or (EN pin low to high SP7686A)
Delay time (TDELAY) from 1
st to 2nd
pulse
25
75
µs
1
st to 2nd CTRL pulse time delay – guaranteed
by design
Turn-off time (TOFF) into shutdown
50
µs
EN pin high to low (SP7686A)
Turn-off time (TOFFC )into
shutdown
200
350
♦
µs
CTRL pin high to low
Time Duration before shutdown
2.8
3.5
4.2
♦
s
VFB>120mV (adj version 11 CTRL pulses),
FLASH= high (fixed version)
Logic low voltage
0.4
♦
V
Driver shutdown
Logic high voltage
1.4
♦
V
Driver enabled
CTRL, EN pin current
0.5
♦
µA
(EN pin is SP7686A only)
Note 1: Guaranteed maximum allowable power dissipation depends on the ambient temperature.
ELECTRICAL SPECIFICATIONS
These are stress ratings only and functional operation of the
device at these ratings or any other above those indicated in
the operation sections of the specifications below is not
implied. Exposure to absolute maximum rating conditions for
extended periods of time may affect reliability.
VIN,……………………………......... .............-0.6V to 6.0V
C1, C2, EN, CTRL, FB, VOUT…... .......-0.6V to VIN+0.3V
Power Dissipation…………..… ………..Internally limited
1
Storage Temperature..…… ……………....-65°C to 150°C
Operating Temperature..............................-40°C to +85C
2x3mm 8 DFN ……….……… ……..……… θJA = 59°C/W
ESD CTRL pin…………..…… …………....+/-1.2kV HBM
ESD all other pins…………………….……....+/-2kV HBM
Torch Mode Continuous Current ………..………..200mA
A ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com