Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7686 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP7686
Description  Constant Current Flash Driver in DFN 2mm x 3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7686 Datasheet(HTML) 3 Page - Sipex Corporation

  SP7686 Datasheet HTML 1Page - Sipex Corporation SP7686 Datasheet HTML 2Page - Sipex Corporation SP7686 Datasheet HTML 3Page - Sipex Corporation SP7686 Datasheet HTML 4Page - Sipex Corporation SP7686 Datasheet HTML 5Page - Sipex Corporation SP7686 Datasheet HTML 6Page - Sipex Corporation SP7686 Datasheet HTML 7Page - Sipex Corporation SP7686 Datasheet HTML 8Page - Sipex Corporation SP7686 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Jul16-07 RevP
SP7686: 500mA LED Driver
2007 Sipex Corporation
- 3 -
PIN DESCRIPTION
PIN #
PIN
NAME
SP7686 PIN DESCRIPTION
1
VIN
Power supply input. Place a 10µF decoupling capacitor next to this pin.
2, 3
C1, C2
Connect an external 0.22µF flying capacitor between these pins
4
CTRL
This pin is used to control LED current. Once enabled the adjustable driver counts positive
going edges at this pin and sequentially increases FB voltage with 10mV steps to a
maximum 31 steps or 360mV.
When this pin is held LOW for longer than 200µs the
SP7686 enters shutdown. The part can be enabled using this pin. The first positive edge
resets the part. A second positive edge sets the part to VFB=0. A third positive going edge
will increase FB voltage to 60mV and subsequent positive edges increment VFB in 10mV
steps. The voltage level can increase only and must be reset to zero by the 200µs shutdown
timer in order to go to a lower current value. The part will be limited to a 3.5s on time when
FB voltage is set to 120mV and above. This pin cannot be left open.
5
FB
Current feedback input. Place an external current sense resistor from this pin to ground.
Voltage at this pin will be internally compared to the DAC output (60mV – 360mV).
6
SGND
Ground pin for SP7686 bias and reference (low current).
7
PGND
Ground pin for power (high current).
8
VOUT
Output voltage of the internal charge pump. Connect the LED between this pin and the
current sense resistor. Voltage at this pin will be regulated in order to maintain constant LED
current. Place a 2.2µF ceramic capacitor next to this pin.
PIN #
PIN
NAME
SP7686A PIN DESCRIPTION
1
VIN
Power supply input. Place a 10µF decoupling capacitor next to this pin.
2, 3
C1, C2
Connect an external 0.22µF flying capacitor between these pins
4
FLASH
The fixed current driver (SP7686A) uses the flash pin to switch between two internally
preset voltage levels, for Flash and Torch mode. The part is enabled and disabled by the
separate ENABLE pin. The part has a 3.5s maximum on time in Flash mode. After a 3.5s
timeout occurs the part shuts down and can be enabled by the FLASH or ENABLE pins.
This pin cannot be left open.
5
FB
Current feedback input. Place an external current sense resistor from this pin to ground.
Voltage at this pin will be internally compared to the DAC output (60mV – 360mV).
6
EN
The fixed current driver (SP7686A) has this enable/shutdown pin. (Logic high = enable, logic
low = shutdown). Used to immediately disable the driver and PWM brightness control. There
is an internal pull down on this pin.
7
PGND
Ground pin for power (high current).
8
VOUT
Output voltage of the internal charge pump. Connect the LED between this pin and the
current sense resistor. Voltage at this pin will be regulated in order to maintain constant LED
current. Place a 2.2µF ceramic capacitor next to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com