Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7686 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP7686
Description  Constant Current Flash Driver in DFN 2mm x 3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7686 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP7686 Datasheet HTML 8Page - Sipex Corporation SP7686 Datasheet HTML 9Page - Sipex Corporation SP7686 Datasheet HTML 10Page - Sipex Corporation SP7686 Datasheet HTML 11Page - Sipex Corporation SP7686 Datasheet HTML 12Page - Sipex Corporation SP7686 Datasheet HTML 13Page - Sipex Corporation SP7686 Datasheet HTML 14Page - Sipex Corporation SP7686 Datasheet HTML 15Page - Sipex Corporation SP7686 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Jul16-07 RevP
SP7686: 500mA LED Driver
2007 Sipex Corporation
- 13 -
Part Reference
Value
Tolerance
Size
Manufacturers
RSENSE
0.22ohms
1% or 5%
0603
Panasonic or Vishay
RSENSE
0.27ohms
1% or 5%
0603
Panasonic or Vishay
RSENSE
0.33ohms
1% or 5%
0603
Panasonic or Vishay
RSENSE
0.39ohms
1% or 5%
0603
Panasonic or Vishay
RSENSE
0.47ohms
1% or 5%
0603
Panasonic or Vishay
RSENSE
0.56ohms
1% or 5%
0603
Panasonic or Vishay
RSENSE
0.68ohms
1% or 5%
0603
Panasonic or Vishay
Table 2. Resistor Selection
Resistor Selection for SP7686
The SP7686 part uses an internal 5 bit DAC to set the
LED current. The DAC input is at the CTRL pin. The
user inputs a pulse train of up to 1MHz to set the LED
current. The DAC sets the feedback voltage point from
60mV to 360mV in 10mV steps. The LED current is
determined by the equation:
ILED = VFB/RSENSE
The curves below show the feedback and LED currents
for the CTRL pin pulse count and standard RSENSE
resistor values.
After the desired count is reached the CTRL input must
remain high to hold the count. If the CTRL pin goes low
for more than 200µs the part will shutdown. See the
timing
diagrams
in
the
Typical
Performance
Characteristics. The first pulse turns on the SP7686. The
first pulse needs to occur at least 600µsec after VIN is
applied in order to activate after the power on reset
(POR). The second pulse resets the DAC to 0. The
timing between the first and second pulse needs to be
25µsec typical to as long as 75µsec. After the second
pulse the feedback voltage remains at ground. The third
pulse sets the feedback voltage to 60mV. Subsequent
pulses set the feedback voltage in 10mV steps as shown
in the Typical Performance Characteristics.
APPLICATION INFORMATION
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com