Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7686 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP7686
Description  Constant Current Flash Driver in DFN 2mm x 3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7686 Datasheet(HTML) 5 Page - Sipex Corporation

  SP7686 Datasheet HTML 1Page - Sipex Corporation SP7686 Datasheet HTML 2Page - Sipex Corporation SP7686 Datasheet HTML 3Page - Sipex Corporation SP7686 Datasheet HTML 4Page - Sipex Corporation SP7686 Datasheet HTML 5Page - Sipex Corporation SP7686 Datasheet HTML 6Page - Sipex Corporation SP7686 Datasheet HTML 7Page - Sipex Corporation SP7686 Datasheet HTML 8Page - Sipex Corporation SP7686 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Jul16-07 RevP
SP7686: 500mA LED Driver
2007 Sipex Corporation
- 5 -
The SP7686 is a charge pump regulator designed for
converting a Li-Ion battery voltage of 2.7V to 4.2V to
drive a white LED used in digital still camera Flash and
Torch applications. The SP7686 has two modes of
operation which are pin selectable for either Flash or
Torch. Flash mode is usually used with a pulse of about
200 to 300 milliseconds to generate a high intensity
Flash. Torch can be used continuously at a lower output
current than Flash and is often used for several seconds
in a digital still camera “movie” mode. The SP7686 also
has two modes of operation to control the output current:
the 1X mode and 2X mode. Operation begins after the
enable pin EN receives a logic high, the bandgap
reference wakes up after 200µsec, and then SP7686
goes through a softstart mode designed to reduce inrush
current. The SP7686 starts in the 1X mode, which acts
like a linear regulator to control the output current by
continuously monitoring the feedback pin FB. In 1X
mode, if the SP7686 auto detects a dropout condition,
which is when the FB pin is below the regulation point for
more than 32 cycles of the internal clock, the SP7686
automatically switches to the 2X mode. The SP7686
remains in the 2X mode until one of four things happens:
1) the enable pin EN has been toggled, 2) the Flash pin
has changed from high to low, 3) VIN is cycled or, 4) a
thermal fault occurs. The 2X mode is the charge pump
mode where the output can be pumped as high as two
times the input voltage, provided the output does not
exceed the maximum voltage for the SP7686, which is
internally limited to about 5.5V. In the 2X mode, as in the
1X mode, the output current is regulated by the voltage
at the FB pin.
SP7686A
The fixed current driver (SP7686A) uses the flash pin to
switch between two internally preset voltage levels, for
Flash and Torch mode. The part is enabled and disabled
by the separate ENABLE pin. The part has a 3.5s
maximum on time in Flash mode. After a 3.5s timeout
occurs the part shuts down and can be enabled by the
FLASH or ENABLE pins. This pin cannot be left open.
When in Flash mode, (Flash = VIN), the FB regulation
voltage is set to 160mV. When in Torch mode, (Flash =
GND), the FB regulation voltage is set to 60mV. The
output current is then set in either Flash or Torch mode
by the equation: IOUT = VFB / RSENSE.
SP7686
The digital controlled current driver (SP7686) uses the
CTRL pin as a serial data input to a DAC to set the FB
voltage. The CTRL pin is used to control LED current.
Once enabled the adjustable driver counts positive going
edges at this pin and sequentially increases the FB
voltage from 60mV with 10mV steps to a maximum 31
steps or 360mV. When this pin is held LOW for longer
than 200µs the SP7686 enters shutdown. The part can
be enabled using this pin. The first positive edge resets
the part. A second positive edge sets the part to VFB=0.
A third positive going edge will increase FB voltage to
60mV and subsequent positive edges increment VFB in
10mV steps. The voltage level can increase only and
must be reset to zero by the 200µs shutdown timer in
order to go to a lower current value. The part will be
limited to a 3.5s on time when FB voltage is set to
120mV and above. The CTRL pin cannot be left open.
Flash Timeout Protection
Due to the high currents typically available in Flash
mode, it is necessary to protect the white LED from
damage if left on too long. The SP7686 has a timeout in
Flash mode of approximately 3.5 seconds after which it
will shutdown operation. Operation will not begin again in
Flash mode until the Enable pin has been set Low and
then High again.
Overtemperature Protection
When the temperature of the SP7686 Rises above 140
degrees
Celsius,
the
over
temperature
protection
circuitry turns off the output switches to prevent damage
to the device. If the temperature drops back down below
125 degrees Celsius, the part automatically recovers
and executes a soft start cycle.
Overvoltage Protection
The SP7686 has over voltage protection. If the output
voltage rises above the 5.5V threshold, the over voltage
protection shuts off all of the output switches to prevent
the output voltage from rising further. When the output
decreases below 5.5V, the device resumes normal
operation.
Overcurrent Protection
The overcurrent protection circuitry monitors the average
current out of the VOUT pin. If the average output current
exceeds approximately 1.5Amp, then the overcurrent
protection circuitry shuts off the output switches to
protect the chip.
THEORY OF OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com