Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC166A Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC166A
Description  SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC166A Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC166A Datasheet HTML 1Page - Texas Instruments SN74LVC166A Datasheet HTML 2Page - Texas Instruments SN74LVC166A Datasheet HTML 3Page - Texas Instruments SN74LVC166A Datasheet HTML 4Page - Texas Instruments SN74LVC166A Datasheet HTML 5Page - Texas Instruments SN74LVC166A Datasheet HTML 6Page - Texas Instruments SN74LVC166A Datasheet HTML 7Page - Texas Instruments SN74LVC166A Datasheet HTML 8Page - Texas Instruments SN74LVC166A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
4 Pin Configuration and Functions
A
B
C
D
CLK INH
CLK
GND
SH/LD
H
Q
H
G
F
CLR
E
PAD
SER
V
CC
2
3
4
5
6
7
8
15
14
13
12
11
10
9
1
16
Figure 4-1. BQB Package, 16-Pin WQFN (Top View)
1
2
3
7
4
5
6
14
13
12
8
11
10
9
GND
D
B
A
VCC
15
16
CLK
E
F
G
H
CLK INH
C
CLR
QH
SH/LD
SER
Figure 4-2. D or PW Package, 16-Pin SOIC or
TSSOP (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
SER
1
I
Serial data input
A
2
I
Parallel input A
B
3
I
Parallel input B
C
4
I
Parallel input C
D
5
I
Parallel input D
CLK INH
6
I
Clock inhibit input
CLK
7
I
Clock input
GND
8
G
Ground
CLR
9
I
Clock for Channel 2, rising edge triggered
E
10
O
Parallel input E
F
11
I
Parallel input F
G
12
I
Parallel input G
QH
13
I
Serial output
H
14
I
Parallel input H
SH/LD
15
I
Enable shifting when input is high, enable loading data when input is low
VCC
16
P
Positive supply
Thermal Pad(2)
—
The thermal pad can be connected to GND or left floating. Do not connect to any other
signal or supply.
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power.
(2)
BQB package only
www.ti.com
SN74LVC166A
SCLSA15 – MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74LVC166A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com