Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC166A Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74LVC166A
Description  SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC166A Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC166A Datasheet HTML 5Page - Texas Instruments SN74LVC166A Datasheet HTML 6Page - Texas Instruments SN74LVC166A Datasheet HTML 7Page - Texas Instruments SN74LVC166A Datasheet HTML 8Page - Texas Instruments SN74LVC166A Datasheet HTML 9Page - Texas Instruments SN74LVC166A Datasheet HTML 10Page - Texas Instruments SN74LVC166A Datasheet HTML 11Page - Texas Instruments SN74LVC166A Datasheet HTML 12Page - Texas Instruments SN74LVC166A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
5.7 Switching Characteristics (continued)
over operating free-air temperature range(unless otherwise noted). See Parameter Measurement Information
PARAMETER
FROM
(INPUT)
TO (OUTPUT)
LOAD CAPACITANCE
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
tpd
SH/LD
QH
CL = 30pF
2.5V ± 0.2V
1
23.8
ns
tpd
CLK
QH
CL = 50pF
2.5V ± 0.2V
1
20
ns
tpd
CLR
QH
CL = 50pF
2.5V ± 0.2V
1
20
ns
tpd
H
QH
CL = 50pF
2.5V ± 0.2V
1
25
ns
tpd
SH/LD
QH
CL = 50pF
2.5V ± 0.2V
1
27.7
ns
tpd
CLK
QH
CL = 15pF
3.3V ± 0.3V
1
11.2
ns
tpd
CLR
QH
CL = 15pF
3.3V ± 0.3V
1
11.2
ns
tpd
H
QH
CL = 15pF
3.3V ± 0.3V
1
14.5
ns
tpd
SH/LD
QH
CL = 15pF
3.3V ± 0.3V
1
16.6
ns
tpd
CLK
QH
CL = 30pF
3.3V ± 0.3V
1
11.2
ns
tpd
CLR
QH
CL = 30pF
3.3V ± 0.3V
1
11.2
ns
tpd
H
QH
CL = 30pF
3.3V ± 0.3V
1
14.5
ns
tpd
SH/LD
QH
CL = 30pF
3.3V ± 0.3V
1
16.6
ns
tpd
CLK
QH
CL = 50pF
3.3V ± 0.3V
1
14.5
ns
tpd
CLR
QH
CL = 50pF
3.3V ± 0.3V
1
14.5
ns
tpd
H
QH
CL = 50pF
3.3V ± 0.3V
1
17.8
ns
tpd
SH/LD
QH
CL = 50pF
3.3V ± 0.3V
1
19.9
ns
5.8 Noise Characteristics
VCC = 3.3 V, CL = 50 pF, TA = 25°C
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
-0.8
-0.3
V
VOH(V)
Quiet output, minimum dynamic VOH
2.2
3.3
V
VIH(D)
High-level dynamic input voltage
2.0
V
VIL(D)
Low-level dynamic input voltage
0.8
V
5.9 Typical Characteristics
TA = 25°C (unless otherwise noted)
VIN - Input Voltage (V)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
0
6
12
18
24
30
36
42
48
54
60
1.8 V
2.5 V
Figure 5-2. Supply Current Across Input Voltage 1.8V and 2.5V
Supply
VIN - Input Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
80
160
240
320
400
480
560
640
720
800
3.3 V
5.0 V
Figure 5-3. Supply Current Across Input Voltage 3.3V and 5.0V
Supply
www.ti.com
SN74LVC166A
SCLSA15 – MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: SN74LVC166A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com