Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC166A Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC166A
Description  SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC166A Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC166A Datasheet HTML 1Page - Texas Instruments SN74LVC166A Datasheet HTML 2Page - Texas Instruments SN74LVC166A Datasheet HTML 3Page - Texas Instruments SN74LVC166A Datasheet HTML 4Page - Texas Instruments SN74LVC166A Datasheet HTML 5Page - Texas Instruments SN74LVC166A Datasheet HTML 6Page - Texas Instruments SN74LVC166A Datasheet HTML 7Page - Texas Instruments SN74LVC166A Datasheet HTML 8Page - Texas Instruments SN74LVC166A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
1 Features
• Operating range from 1.1V to 3.6V
• Over-voltage tolerant inputs support up to 5.5V
independent of VCC
• Supports partial-power-down with back drive
protection (Ioff)
• High push-pull output drive strength:
– ±24mA at 3.3V
– ±8mA at 2.3V
– ±4mA at 1.65V
• Maximum propagation delay of 11.2ns at 3.3V
supply
• Latch-up performance exceeds 100mA
per JESD78
2 Applications
• Increase the number of inputs on a microcontroller
• Read in board revision
3 Description
The SN74LVC166A contains one 8-bit parallel-load
shift register. Data is loaded synchronously using the
shift or load (SH/LD) select and clock (CLK) inputs.
The device includes a serial (SER) input to allow
for daisy chaining and an asynchronous clear (CLR)
input.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE (NOM)(3)
SN74LVC166A
BQB (WQFN, 16)
3.5mm × 2.5mm
3.5mm × 2.5mm
D (SOIC, 16)
9.9mm × 6mm
9.9mm × 3.9mm
PW (TSSOP, 16)
5mm × 6.4mm
5mm × 4.4mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable
(3)
The body size (length × width) is a nominal value and does
not include pins.
D
Q
R
D
Q
R
SER
SH/LD
CLK INH
CLK
CLR
A
B
C
D
E
F
G
H
5 Additional
Shift Register
Stages
D
Q
R
QH
Functional Diagram
SN74LVC166A
SCLSA15 – MAY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC166A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC166A TI1-SN74LVC166A Datasheet
1,022Kb / 24P
SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
MAY 2024
SN74LVC166A TI1-SN74LVC166A Datasheet
2Mb / 34P
SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
MAY 2024
SN74LVC166ABQBR TI1-SN74LVC166ABQBR Datasheet
1,022Kb / 24P
SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
MAY 2024
SN74LVC166ABQBR TI1-SN74LVC166ABQBR Datasheet
2Mb / 34P
SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
MAY 2024
SN74LVC166ADR TI1-SN74LVC166ADR Datasheet
2Mb / 34P
SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
MAY 2024
More results

Similar Description - SN74LVC166A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54165 TI-SN54165 Datasheet
199Kb / 13P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com