Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC166A Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74LVC166A
Description  SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC166A Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74LVC166A Datasheet HTML 8Page - Texas Instruments SN74LVC166A Datasheet HTML 9Page - Texas Instruments SN74LVC166A Datasheet HTML 10Page - Texas Instruments SN74LVC166A Datasheet HTML 11Page - Texas Instruments SN74LVC166A Datasheet HTML 12Page - Texas Instruments SN74LVC166A Datasheet HTML 13Page - Texas Instruments SN74LVC166A Datasheet HTML 14Page - Texas Instruments SN74LVC166A Datasheet HTML 15Page - Texas Instruments SN74LVC166A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
6 Parameter Measurement Information
Phase relationships between waveforms were chosen arbitrarily for the examples listed in the following table. All
input pulses are supplied by generators having the following characteristics: PRR ≤ 1MHz, ZO = 50Ω, tt ≤ 2.5ns.
For clock inputs, fmax is measured when the input duty cycle is 50%.
The outputs are measured individually with one input transition per measurement.
VCC
Vt
RL
CL
ΔV
1.2V ± 0.1V
VCC/2
2kΩ
15pF
0.1V
1.5V ± 0.12V
VCC/2
2kΩ
15pF
0.1V
1.8V ± 0.15V
VCC/2
1kΩ
30pF
0.15V
2.5V ± 0.2V
VCC/2
500Ω
30pF
0.15V
2.7V
1.5V
500Ω
50pF
0.3V
3.3V ± 0.3V
1.5V
500Ω
50pF
0.3V
CL
(1)
From Output
Under Test
Test
Point
RL
(1) CL includes probe and test-fixture capacitance.
Figure 6-1. Load Circuit for Push-Pull Outputs
Vt
tw
Input
Vt
VCC
0 V
Figure 6-2. Voltage Waveforms, Pulse Duration
Clock
Input
Vt
VCC
0 V
Vt
Vt
VCC
0 V
tsu
Data
Input
th
Figure 6-3. Voltage Waveforms, Setup and Hold
Times
Vt
Input
Vt
VCC
0 V
50%
50%
VOH
VOL
tPLH
(1)
tPHL
(1)
VOH
VOL
tPHL
(1)
tPLH
(1)
Output
Waveform 1
Output
Waveform 2
50%
50%
(1) The greater between tPLH and tPHL is the same as tpd.
Figure 6-4. Voltage Waveforms Propagation Delays
SN74LVC166A
SCLSA15 – MAY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74LVC166A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com