Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC166A Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVC166A
Description  SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC166A Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC166A Datasheet HTML 3Page - Texas Instruments SN74LVC166A Datasheet HTML 4Page - Texas Instruments SN74LVC166A Datasheet HTML 5Page - Texas Instruments SN74LVC166A Datasheet HTML 6Page - Texas Instruments SN74LVC166A Datasheet HTML 7Page - Texas Instruments SN74LVC166A Datasheet HTML 8Page - Texas Instruments SN74LVC166A Datasheet HTML 9Page - Texas Instruments SN74LVC166A Datasheet HTML 10Page - Texas Instruments SN74LVC166A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
5.6 Timing Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
DESCRIPTION
CONDITION
VCC
-40°C to 125°C
UNIT
MIN
MAX
tSU
Setup time
Data before CLK↑
2.5 V ± 0.2 V
4.5
ns
tSU
Setup time
CLR inactive before CLK↑
2.5 V ± 0.2 V
5.9
ns
tH
Hold time
SER data after CLK↑
2.5 V ± 0.2 V
0.5
ns
tH
Hold time
Parallel data after SH/LD↓
2.5 V ± 0.2 V
0
ns
tH
Hold time
SH/LD high after CLK↑
2.5 V ± 0.2 V
0.1
ns
tH
Hold time
CLK INH high after CLK↑
2.5 V ± 0.2 V
0.3
ns
tH
Hold time
Data after CLK↑
2.5 V ± 0.2 V
1.5
ns
tW
Pulse duration
CLR low
3.3 V ± 0.3 V
4.3
ns
tW
Pulse duration
SH/LD low
3.3 V ± 0.3 V
4.3
ns
tW
Pulse duration
CLK
3.3 V ± 0.3 V
4.3
ns
tSU
Setup time
SH/LD high before CLK↑
3.3 V ± 0.3 V
3.5
ns
tSU
Setup time
SER before CLK↑
3.3 V ± 0.3 V
4
ns
tSU
Setup time
CLK INH before CLK↑
3.3 V ± 0.3 V
1
ns
tSU
Setup time
Data before CLK↑
3.3 V ± 0.3 V
2.9
ns
tSU
Setup time
CLR inactive before CLK↑
3.3 V ± 0.3 V
4
ns
tH
Hold time
SER data after CLK↑
3.3 V ± 0.3 V
0.5
ns
tH
Hold time
Parallel data after SH/LD↓
3.3 V ± 0.3 V
0
ns
tH
Hold time
SH/LD high after CLK↑
3.3 V ± 0.3 V
0.2
ns
tH
Hold time
CLK INH high after CLK↑
3.3 V ± 0.3 V
0.5
ns
tH
Hold time
Data after CLK↑
3.3 V ± 0.3 V
1.5
ns
SH/LD
CLK
CLK INH
SER
VCC
H
QH
A, C, E, G held LOW
B, D, F held HIGH
INHIBIT
LOAD
SHIFT
SHIFT
STARTUP
CLR
CLEAR
Figure 5-1. Timing Diagram
www.ti.com
SN74LVC166A
SCLSA15 – MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN74LVC166A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com