Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC166A Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVC166A
Description  SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC166A Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC166A Datasheet HTML 6Page - Texas Instruments SN74LVC166A Datasheet HTML 7Page - Texas Instruments SN74LVC166A Datasheet HTML 8Page - Texas Instruments SN74LVC166A Datasheet HTML 9Page - Texas Instruments SN74LVC166A Datasheet HTML 10Page - Texas Instruments SN74LVC166A Datasheet HTML 11Page - Texas Instruments SN74LVC166A Datasheet HTML 12Page - Texas Instruments SN74LVC166A Datasheet HTML 13Page - Texas Instruments SN74LVC166A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
5.9 Typical Characteristics (continued)
TA = 25°C (unless otherwise noted)
VCC (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
10
20
30
40
50
60
70
80
25°C
125°C
-40°C
Figure 5-4. Supply Current Across Supply Voltage
IOH (mA)
0
-2.5
-5
-7.5
-10 -12.5 -15 -17.5 -20 -22.5 -25
1
1.5
2
2.5
3
3.5
4
4.5
5
1.8 V
2.5 V
3.3 V
5.0 V
Figure 5-5. Output Voltage vs Current in HIGH State
IOL (mA)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
1.8 V
2.5 V
3.3 V
5.0 V
Figure 5-6. Output Voltage vs Current in LOW State
IOH (mA)
-25 -22.5 -20 -17.5 -15 -12.5 -10
-7.5
-5
-2.5
0
4.3
4.35
4.4
4.45
4.5
4.55
4.6
4.65
4.7
4.75
4.8
4.85
4.9
4.95
5
-40°C
25°C
125°C
Figure 5-7. Output Voltage vs Current in HIGH State; 5V Supply
IOL (mA)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-40°C
25°C
125°C
Figure 5-8. Output Voltage vs Current in LOW State; 5V Supply
IOH (mA)
-25 -22.5 -20 -17.5 -15 -12.5 -10
-7.5
-5
-2.5
0
2.5
2.55
2.6
2.65
2.7
2.75
2.8
2.85
2.9
2.95
3
3.05
3.1
3.15
3.2
3.25
3.3
-40°C
25°C
125°C
Figure 5-9. Output Voltage vs Current in HIGH State; 3.3V
Supply
SN74LVC166A
SCLSA15 – MAY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74LVC166A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com