Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7380GP Datasheet(PDF) 42 Page - NXP Semiconductors

Part # SAA7380GP
Description  Error correction and host interface IC for CD-ROM ELM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7380GP Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button SAA7380GP Datasheet HTML 38Page - NXP Semiconductors SAA7380GP Datasheet HTML 39Page - NXP Semiconductors SAA7380GP Datasheet HTML 40Page - NXP Semiconductors SAA7380GP Datasheet HTML 41Page - NXP Semiconductors SAA7380GP Datasheet HTML 42Page - NXP Semiconductors SAA7380GP Datasheet HTML 43Page - NXP Semiconductors SAA7380GP Datasheet HTML 44Page - NXP Semiconductors SAA7380GP Datasheet HTML 45Page - NXP Semiconductors SAA7380GP Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
1996 Apr 25
42
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (ELM)
SAA7380
Notes
1. All timings are for single-speed, they should be divided by the speed up to eight times speed.
2. T represents half a clock period.
3. The timings for this mode can only be met with a 33 MHz clock.
4. CLK = 1 clock period.
t7
HWR/HRD inactive
33 MHz clock
60
−−
ns
16 MHz clock
145
−−
ns
t8
HWR data set-up
50
−−
ns
t9
HWR data hold
20
−−
ns
t10
HRD data access
−−
80
ns
t11
HRD data to 3-state
5
−
60
ns
t12
cycle time
3CLK
−−
ns
8-BIT DMA DATA TRANSFER; see Fig.23
t0
DMARQ to DMACK
0
−−
ns
t1
HWR/HRD to DMARQ inactive
−−
80
ns
t2
DMACK set-up
30
−−
ns
t3
DMACK hold
0
−−
ns
t4
HWR/HRD active
33 MHz clock
50
−−
ns
16 MHz clock
75
−−
ns
t5
HWR/HRD inactive
33 MHz clock
60
−−
ns
16 MHz clock
145
−−
ns
t6
HWR data set-up
50
−−
ns
t7
HWR data hold
20
−−
ns
t8
HRD data access
−−
80
ns
t9
HRD data to 3-state
−−
60
ns
PSEUDO 16-BIT DMA READ TRANSFER; see Fig.24; note 4
t0
HRD to DMARQ inactive
−−
80
ns
t1
DMARQ to DMACK
0
−−
ns
t2
HRD inactive to DMACK inactive
0
−−
ns
t3
HRD active
33 MHz clock
50
−−
ns
16 MHz clock
65
−−
ns
t4
HFBC to data valid
−−
CLK
ns
t5
data 3-state to HFBC inactive
CLK
−−
ns
t6
HRD data access
−−
80
ns
t7
HRD data to 3-state
−−
60
ns
t8
HFBC active
−−
5CLK
ns
t9
data valid to HFBLB
2CLK
−−
ns
t10
HFBLB to HFBC inactive
2CLK
−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com