Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7380GP Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SAA7380GP
Description  Error correction and host interface IC for CD-ROM ELM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7380GP Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SAA7380GP Datasheet HTML 14Page - NXP Semiconductors SAA7380GP Datasheet HTML 15Page - NXP Semiconductors SAA7380GP Datasheet HTML 16Page - NXP Semiconductors SAA7380GP Datasheet HTML 17Page - NXP Semiconductors SAA7380GP Datasheet HTML 18Page - NXP Semiconductors SAA7380GP Datasheet HTML 19Page - NXP Semiconductors SAA7380GP Datasheet HTML 20Page - NXP Semiconductors SAA7380GP Datasheet HTML 21Page - NXP Semiconductors SAA7380GP Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
1996 Apr 25
18
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (ELM)
SAA7380
7.7.14
STAT0
Resetting the chip clears all bits in this register.
Table 9
STAT0 register bits
7.7.15
STAT1
Resetting the chip clears all bits in this register.
The bits in this register indicate the reliability of data in the HEAD0 to HEAD3 registers. Bits MINERR, SECERR,
BLKERR and MODERR indicate errors in the minutes, seconds, frames and mode bytes in the header of the current
block. Bits SH0ERR to SH3ERR indicate errors in the respective bytes in the sub-header.
Table 10 STAT1 register bits
BIT
NAME
FUNCTION
7
CRCOK
Cyclic redundancy check not OK = 0; Cyclic redundancy check OK = 1. Set by the
EDC in accordance with the results of the CRC check.
6
ILSYNC
Sync pattern detected at word count 0 to 1174 or 1176 onwards = 1. This bit is set to
logic 1 if the sync pattern in the incoming data is detected between word counts
0 and 1174 or 1176 to infinity, and the decoder has been retimed. Due to the
presence of the cache RAM, it is necessary to stop error correction also when long
blocks have been detected.
5
NOSYNC
Sync pattern inserted by sync interpolator not coincident with data sync = 1. This bit
is set to logic 1, if the word counter reaches 1175 and no sync pattern has been
detected in the input data. It indicates that the sync interpolator circuit inserted a
sync.
4
LBLK
With SYIEN = 0, no sync found. Data block size has been extended = 1. This bit is
set to logic 1, if the sync interpolator was switched off, and if the sync interpolator
indicated that sync insertion was necessary. This condition causes the block length to
be extended.
3
Reserved
2
SBLK
Short block indication = 1. This bit is set to logic 1 if the decoder is not retimed when
a sync pattern is detected in an incorrect word location, and is ignored while the
SYDEN bit is set to logic 0.
1
ERABLK
One or more bytes of the block are flagged with C2 flags = 1. This bit is set to logic 1
if one or more bytes of the current block contain erasures as indicated by the C2PO
input.
0
UCEBLK
Uncorrectable errors in block = 1. This bit is set to logic 1 when one or more bytes of
the current block remain in error after the error correction process.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MINERR
SECERR
BLKERR
MODER
SH0ERR
SH1ERR
SH2ERR
SH3ERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com