Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7380GP Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SAA7380GP
Description  Error correction and host interface IC for CD-ROM ELM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7380GP Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SAA7380GP Datasheet HTML 17Page - NXP Semiconductors SAA7380GP Datasheet HTML 18Page - NXP Semiconductors SAA7380GP Datasheet HTML 19Page - NXP Semiconductors SAA7380GP Datasheet HTML 20Page - NXP Semiconductors SAA7380GP Datasheet HTML 21Page - NXP Semiconductors SAA7380GP Datasheet HTML 22Page - NXP Semiconductors SAA7380GP Datasheet HTML 23Page - NXP Semiconductors SAA7380GP Datasheet HTML 24Page - NXP Semiconductors SAA7380GP Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
1996 Apr 25
21
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (ELM)
SAA7380
Table 17 HSEL bits
7.7.19
SUB_L, SUB_H
This 10-bit register specifies the memory address of the subcode data block. This address will always be in the first
1 kbyte of memory.
7.7.20
INCNF
This register is used to specify the configuration of the input data path.
Table 18 INCNF register bits
Note
1. For subcode Q-to-W recovery, the BCK clock is used as a timing reference. It is possible to recover the Q-to-W
subcode using the SAA7380, while at the same time the serial interface is programmed in oversampling mode for a
DAC. Under such circumstances, it is necessary to tell the SAA7380 the oversampling factor.
HSEL CONTENT
SELECTED HOST
INTERFACE
DESCRIPTION
BIT 2
BIT 1
BIT 0
0
0
0
Sanyo
Sanyo compatible mode
0
0
1
ATAPI
ATAPI Mode
0
1
0
Oak
Oak compatible mode
0
1
1
unknown host
all host bus pins 3-state, default after h/w reset
others
reserved
for future enhancements
BIT
NAME
DESCRIPTION
7
IISmode
I2S-bus mode = 0; EIAJ serial interface mode = 1.
6
div1(1)
If div1 and div0 = logic 0 then no oversampling (normal CDROM modes); If div1 = logic 0
and div0 = logic 1 then 2 times oversampling; If div1 = logic 1 and div0 = logic 0 then
4 times oversampling.
5
div0(1)
If div1 and div0 = logic 0 then no oversampling (normal CDROM modes); If div0 = logic 1
and div1 = logic 0 then 2 times oversampling; If div1 = logic 0 and div1 = logic 0 then
4 times oversampling.
4
QWmode
Selection of Q-to-W input format. Logic 0 = V4 mode; logic 1 = EIAJ mode.
3
QWon
Q-to-W interface enable. Logic 0 = off; logic 1 = on.
2
QWcook
Q-to-W interface cooking enable. Logic 0 = cooked mode; logic 1 = RAW mode.
1
RAMtest
External RAM test mode. Logic 0 = normal operation; logic 1 = RAM test mode.
0
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com