Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7380GP Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SAA7380GP
Description  Error correction and host interface IC for CD-ROM ELM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7380GP Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SAA7380GP Datasheet HTML 35Page - NXP Semiconductors SAA7380GP Datasheet HTML 36Page - NXP Semiconductors SAA7380GP Datasheet HTML 37Page - NXP Semiconductors SAA7380GP Datasheet HTML 38Page - NXP Semiconductors SAA7380GP Datasheet HTML 39Page - NXP Semiconductors SAA7380GP Datasheet HTML 40Page - NXP Semiconductors SAA7380GP Datasheet HTML 41Page - NXP Semiconductors SAA7380GP Datasheet HTML 42Page - NXP Semiconductors SAA7380GP Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
1996 Apr 25
39
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (ELM)
SAA7380
MULTI-WORD DMA TRANSFER; see Fig.16; note 3
t0
cycle time
130
−−
ns
t1
HWR/HRD to DMARQ inactive
−−
40
ns
t2
DMACK to HWR/HRD
0
−−
ns
t3
HWR/HRD active
80
−−
ns
t4
HWR/HRD inactive
50
−−
ns
t5
HWR/HRD to DMACK hold
5
−−
ns
t6
HWR data set-up
30
−−
ns
t7
HWR data hold
15
−−
ns
t8
HRD data access
−−
60
ns
t9
HRD data hold
5
−−
ns
t10
DMACK inactive to read data
3-state
−−
25
ns
Sanyo compatibility mode host interface timing; see Fig.17
COMIN AND SBOUT ACCESS
t0
HEN set-up
30
−−
ns
t1
HEN hold
0
−−
ns
t2
CMD set-up
15
−−
ns
t3
CMD hold
5
−−
ns
t4
HWR/HRD active
33 MHz clock
50
−−
ns
16 MHz clock
75
−−
ns
t5
HWR/HRD data inactive
33 MHz clock
60
−−
ns
16 MHz clock
145
−−
ns
t6
HWR data set-up
50
−−
ns
t7
HWR data hold
20
−−
ns
t8
HRD data access
−−
80
ns
t9
HRD data to 3-state
5
−
60
ns
t10
STEN to HRD
only for SBOUT read
0
−−
ns
t11
HRD to STEN inactive
for last SBOUT read;
33 MHz clock
−−
100
ns
16 MHz clock
−−
145
ns
t12
HWR to DTEN/STEN inactive
only for COMIN write when
CMDBK = 0
−−
100
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com