Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7380GP Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAA7380GP
Description  Error correction and host interface IC for CD-ROM ELM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7380GP Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAA7380GP Datasheet HTML 9Page - NXP Semiconductors SAA7380GP Datasheet HTML 10Page - NXP Semiconductors SAA7380GP Datasheet HTML 11Page - NXP Semiconductors SAA7380GP Datasheet HTML 12Page - NXP Semiconductors SAA7380GP Datasheet HTML 13Page - NXP Semiconductors SAA7380GP Datasheet HTML 14Page - NXP Semiconductors SAA7380GP Datasheet HTML 15Page - NXP Semiconductors SAA7380GP Datasheet HTML 16Page - NXP Semiconductors SAA7380GP Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
1996 Apr 25
13
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (ELM)
SAA7380
7.7
Register Descriptions
7.7.1
SBOUT/ADATA
This is a 12 byte FIFO used to transfer data from the
sub-CPU to the host.
In the Sanyo and Oak compatibility mode writing to this
register starts a status byte transfer. In this mode if the
SOUTEN bit in the IFCTRL register has been set to logic 1,
writing to the SBOUT register sets the STBSY bit to
logic 0. If the STWAI bit is set to logic 0, STEN is
immediately set LOW to inform the host computer that the
status byte is ready to be read from.
If the STWAI bit is set to logic 1 and the DTEN bit in the
IFSTAT register is also set to logic 1, both the STEN pin
and the STBSY will go LOW. However, if the STWAI bit is
set to logic 0, and the DTEN bit is set to logic 0, then STEN
is held HIGH until the DTEN bit goes HIGH, thereafter it
goes LOW.
7.7.2
COMIN/ APCMD
During the ATAPI mode this register is used to read the
program command sent by the host. The program
command can only be received if the appropriate mode
has been selected (see Table 22) and a data transfer has
been started (see DTRG register).
During Sanyo and Oak compatibility modes this register is
a 12 byte FIFO which is used to transfer commands from
the host to the sub-CPU. If reading this register empties
the command FIFO then CMDI is set to logic 1 and further
reads from the register will return FFH.
7.7.3
IFCTRL
The IFCTRL register provides control over the host
interface. Resetting the chip will clear all bits. In the ATAPI
mode, only, bits 7 to 5 have any effect.
Table 3
IFCTRL register bits
BIT
NAME
DESCRIPTION
7
CMDIEN
Enable bits for CMDI, DTEI and DECI. These are interrupt masks, enabling/disabling the
sub-CPU interrupt pin. They do not affect the bits in the IFSTAT register. If set to logic 1,
the corresponding interrupt is enabled. It should be noted that these masks do not clear
the interrupts.
6
DTEIEN
5
DECIEN
4
CMDBK
Command break enable. If set to logic 0 then the command break function is enabled
and if the host writes to the COMIN FIFO then any data or status byte transfers in
progress will be terminated. If set to logic 1 then this operation is disabled. The data
transfer interrupt DTEI is not generated by a command break.
3
DTWAI
Data transfer WAIT enable. Setting this bit to logic 0 enables the data WAIT function.
The data WAIT function allows the SAA7380 to delay hardware execution of the data
transfer until a status byte transfer has been completed. Disabling the data WAIT
function allows data transfers to take place independently of status byte transfers.
2
STWAI
Status byte transfer WAIT enable. This bit acts in a similar way to the DTWAI bit except it
controls the status WAIT function. The status WAIT function allows the SAA7380 to
delay hardware execution of the status transfer until a data byte transfer has been
completed. Disabling the data WAIT function allows status transfers to take place
independently of data transfers.
1
DOUTEN
Data output enable. DOUTEN enables/disables data transfers. When set to logic 0, all
data transfers in progress are aborted.
0
SOUTEN
Status output enable. SOUTEN enables/disables status byte transfers. When set to
logic 0, the status FIFO register is reset to empty and all status byte transfers in progress
are aborted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com