Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7380GP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA7380GP
Description  Error correction and host interface IC for CD-ROM ELM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7380GP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA7380GP Datasheet HTML 2Page - NXP Semiconductors SAA7380GP Datasheet HTML 3Page - NXP Semiconductors SAA7380GP Datasheet HTML 4Page - NXP Semiconductors SAA7380GP Datasheet HTML 5Page - NXP Semiconductors SAA7380GP Datasheet HTML 6Page - NXP Semiconductors SAA7380GP Datasheet HTML 7Page - NXP Semiconductors SAA7380GP Datasheet HTML 8Page - NXP Semiconductors SAA7380GP Datasheet HTML 9Page - NXP Semiconductors SAA7380GP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
1996 Apr 25
6
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (ELM)
SAA7380
DGND4
41
−
digital ground 4
CS1/HEN
42
I
host interface enable input (active LOW)
HWR
43
I
host interface write enable input (active LOW)
HRD
44
I
host interface read enable input (active LOW)
DMACK
45
I
DMA acknowledge input
IORDY/WAIT/HFBLB
46
O
host interface wait output (active LOW); 3-state control
SCRST/STEN
47
O
host interface status enable output ATAPI sub-CPU reset signal
(active LOW)
DMARQ/DTEN
48
O
ATAPI DMA request host interface data enable output (active LOW);
3-state control
IRQ/EOP/HFBC
49
O
host interface end of process flag output ATAPI host interrupt request
(active LOW); 3-state control
VDDD2
50
−
digital supply voltage 2 (5 V)
HD0
51
I/O
host interface data bus input/output line 0
HD1
52
I/O
host interface database input/output line 1
HD2
53
I/O
host interface database input/output line 2
HD3
54
I/O
host interface data bus input/output line 3
HD4
55
I/O
host interface data bus input/output line 4
HD5
56
I/O
host interface data bus input/output line 5
HD6
57
I/O
host interface data bus input/output line 6
HD7
58
I/O
host interface data bus input/output line 7
DGND5
59
−
digital ground 5
HD8
60
I/O
host interface data bus input/output line 8
HD9
61
I/O
host interface data bus input/output line 9
HD10
62
I/O
host interface data bus input/output line 10
HD11
63
I/O
host interface data bus input/output line 11
HD12
64
I/O
host interface data bus input/output line 12
HD13
65
I/O
host interface data bus input/output line 13
HD14
66
I/O
host interface data bus input/output line 14
HD15
67
I/O
host interface data bus input/output line 15
DGND6
68
−
digital ground 6
DA0/CMD
69
I
host interface data input (active LOW)/command select input host interface
address line 0
DA1
70
I
ATAPI address line input 1
DA2/EJECT
71
I
ATAPI address line input 2
CS2/SELRQ
72
I
ATAPI chip select input 2
IOCS16
73
O
ATAPI 16-bit data select output
VDDD2
74
−
digital supply voltage 2 (5 V)
RA0
75
O
buffer RAM address bus output line 0
RA1
76
O
buffer RAM address bus output line 1
RA2
77
O
buffer RAM address bus output line 2
SYMBOL
PIN
I/O
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com