Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82732-R2172-B30 Datasheet(PDF) 1 Page - EPCOS

Part # B82732-R2172-B30
Description  Chokes for Power Lines D Core Chokes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82732-R2172-B30 Datasheet(HTML) 1 Page - EPCOS

  B82732-R2172-B30 Datasheet HTML 1Page - EPCOS B82732-R2172-B30 Datasheet HTML 2Page - EPCOS B82732-R2172-B30 Datasheet HTML 3Page - EPCOS B82732-R2172-B30 Datasheet HTML 4Page - EPCOS B82732-R2172-B30 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
369 04/00
Rated voltage 250 Vac
Rated current 0,35 to 4,6 A
Rated inductance 3,3 to 100 mH
Construction
s
Current-compensated double choke
with closed, rectangular ferrite core
s
Closed polycarbonate coil former with 4 sections
s
Without encapsulation
s
2-section winding
s
Creepage distances and clearances > 3 mm
Features
s
Coil former flame-retardant as per UL 94 V-0
s
Recycleable owing to omission of encapsulation and glue
s
High resonance frequency due to 2-section winding
s
Low leakage due to closed core shape
s
High pulse strength
s
Low whirring noise
s
Approx. 1 % stray inductance for symmetrical
interference suppression
Applications
s
Electronic ballasts for lamps
s
Switch-mode power supplies for TV sets
Terminals
s
Tinned
s
Pins fitting standard PCB grid
Marking
Ordering code, rated current, rated inductance,
mark of conformity, manufacturer, date of manufacture,
marking for B82731-H: manufacturer, ordering code
Approvals
Approval marks
Standards
EN 60938-2
UL 1283
B82731
Chokes for Power Lines
… B82734
D Core Chokes
Jump to preceding page


Similar Part No. - B82732-R2172-B30

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82732 EPCOS-B82732 Datasheet
65Kb / 2P
Frame Core Chokes
B82732F EPCOS-B82732F Datasheet
112Kb / 6P
Power line chokes
B82732F EPCOS-B82732F Datasheet
634Kb / 6P
Power line chokes Current-compensated frame core double chokes
B82732F2132B001 EPCOS-B82732F2132B001 Datasheet
112Kb / 6P
Power line chokes
B82732F2132B001 EPCOS-B82732F2132B001 Datasheet
634Kb / 6P
Power line chokes Current-compensated frame core double chokes
More results

Similar Description - B82732-R2172-B30

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82615 EPCOS-B82615 Datasheet
236Kb / 6P
Chokes for Power Lines Ring Core Chokes with Iron Powder Core
B82720-A EPCOS-B82720-A Datasheet
61Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720S EPCOS-B82720S Datasheet
75Kb / 5P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82721 EPCOS-B82721 Datasheet
280Kb / 10P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82726-S EPCOS-B82726-S Datasheet
65Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82745 EPCOS-B82745 Datasheet
128Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82747 EPCOS-B82747 Datasheet
87Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82765 EPCOS-B82765 Datasheet
143Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Quad Chokes
B82791-H EPCOS-B82791-H Datasheet
111Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82731M EPCOS-B82731M Datasheet
81Kb / 2P
D Core Chokes B82731M for Power Lines
2008
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com