Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1084CK Datasheet(PDF) 1 Page - Linear Technology

Part # LT1084CK
Description  7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1084CK Datasheet(HTML) 1 Page - Linear Technology

  LT1084CK Datasheet HTML 1Page - Linear Technology LT1084CK Datasheet HTML 2Page - Linear Technology LT1084CK Datasheet HTML 3Page - Linear Technology LT1084CK Datasheet HTML 4Page - Linear Technology LT1084CK Datasheet HTML 5Page - Linear Technology LT1084CK Datasheet HTML 6Page - Linear Technology LT1084CK Datasheet HTML 7Page - Linear Technology LT1084CK Datasheet HTML 8Page - Linear Technology LT1084CK Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1083/LT1084/LT1085
108345fe
■ Three-Terminal Adjustable
■ Output Current of 3A, 5A or 7.5A
■ Operates Down to 1V Dropout
■ Guaranteed Dropout Voltage at Multiple Current Levels
■ Line Regulation: 0.015%
■ Load Regulation: 0.1%
■ 100% Thermal Limit Functional Test
■ Fixed Versions Available
■ Available in 3-Lead Plastic TO-220, TO-3P and DD
Packages
The LT
®1083 series of positive adjustable regulators are
designed to provide 7.5A, 5A and 3A with higher efficiency
than currently available devices. All internal circuitry is
designed to operate down to 1V input-to-output differen-
tial and the dropout voltage is fully specified as a function
of load current. Dropout is guaranteed at a maximum of
1.5V at maximum output current, decreasing at lower load
currents. On-chip trimming adjusts the reference voltage
to 1%. Current limit is also trimmed, minimizing the stress
on both the regulator and power source circuitry under
overload conditions.
The LT1083/LT1084/LT1085 devices are pin compatible
with older three-terminal regulators. A 10
µF output ca-
pacitor is required on these new devices. However, this is
included in most regulator designs.
Unlike PNP regulators, where up to 10% of the output
current is wasted as quiescent current, the LT1083 quies-
cent current flows into the load, increasing efficiency.
7.5A, 5A, 3A Low Dropout
Positive Adjustable Regulators
121
Ω
1%
IN
OUT
ADJ
365
Ω
1%
10
µF
5V AT 7.5A
LT1083
VIN ≥ 6.5V
1083/4/5 ADJ TA01
+
10
µF*
TANTALUM
+
*REQUIRED FOR STABILITY
5V, 7.5A Regulator
DEVICE
OUTPUT CURRENT*
LT1083
7.5A
LT1084
5.0A
LT1085
3.0A
*For a 1.5A low dropout regulator see the LT1086 data sheet.
■ High Efficiency Linear Regulators
■ Post Regulators for Switching Supplies
■ Constant Current Regulators
■ Battery Chargers
OUTPUT CURRENT
0
2
1
0
1083/4/5 ADJ TA02
IFULL LOAD
Dropout Voltage vs Output Current
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1084CK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1084CK LINER-LT1084CK Datasheet
287Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084CK LINER-LT1084CK Datasheet
187Kb / 12P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1084CK-12 LINER-LT1084CK-12 Datasheet
287Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Integrated Syste...
LT1084CK-12 LINEAR-LT1084CK-12 Datasheet
142Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1084CK-12 LINER-LT1084CK-12 Datasheet
148Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results

Similar Description - LT1084CK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1083 LINER-LT1083 Datasheet
287Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
List of Unclassifed Man...
OM183SC ETC-OM183SC Datasheet
59Kb / 5P
7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085CT-33 LINER-LT1085CT-33 Datasheet
148Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
148Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1084 LINER-LT1084_V01 Datasheet
251Kb / 18P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com