Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1084CK Datasheet(PDF) 11 Page - Linear Technology

Part # LT1084CK
Description  7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1084CK Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1084CK Datasheet HTML 7Page - Linear Technology LT1084CK Datasheet HTML 8Page - Linear Technology LT1084CK Datasheet HTML 9Page - Linear Technology LT1084CK Datasheet HTML 10Page - Linear Technology LT1084CK Datasheet HTML 11Page - Linear Technology LT1084CK Datasheet HTML 12Page - Linear Technology LT1084CK Datasheet HTML 13Page - Linear Technology LT1084CK Datasheet HTML 14Page - Linear Technology LT1084CK Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1083/LT1084/LT1085
108345fe
TYPICAL APPLICATIONS
7.5A Variable Regulator
15V
15V
15V
110VAC
T1
TRIAD
F-269U
–
+
–
+
+
+
–
+
OUT
IN
LT1083
OUT
IN
ADJ
C30B
C30B
3
20
Ω
20
Ω
1
2
L
1MH
T2
1N4003
1N4148
1N4003
1N914
C1
50,000
µF
100
µF
LT1004-1.2
1N4003
1
µF
0.1
µF
1
µF
100pF
560
Ω
16k*
16k*
LT1004-1.2
11k*
11k*
0V TO 35V
OA TO 7.5A
10k
82k
15k
2
2
2
3
3
3
8
8
–15V
–15V
–15V
15V
4
4
4
7
7
1
1
200k
750
Ω*
2k
OUTPUT
ADJUST
2.7k
–15V
1.5k
15K
10k
2N3904
NC
8
6
7
1
LT1011
LT1011
LM301A
* 1% FILM RESISTOR
L: DALE TO-5 TYPE
T2: STANCOR 11Z-2003
GENERAL PURPOSE REGULATOR WITH SCR PREREGULATOR
TO LOWER POWER DISSIPATION. ABOUT 1.7V DIFFERENTIAL
IS MAINTAINED ACROSS THE LT1083 INDEPENDENT OF OUTPUT
VOLTAGE AND LOAD CURRENT
LT1083/4/5 ADJ TA05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com