Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1084CK Datasheet(PDF) 3 Page - Linear Technology

Part # LT1084CK
Description  7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1084CK Datasheet(HTML) 3 Page - Linear Technology

  LT1084CK Datasheet HTML 1Page - Linear Technology LT1084CK Datasheet HTML 2Page - Linear Technology LT1084CK Datasheet HTML 3Page - Linear Technology LT1084CK Datasheet HTML 4Page - Linear Technology LT1084CK Datasheet HTML 5Page - Linear Technology LT1084CK Datasheet HTML 6Page - Linear Technology LT1084CK Datasheet HTML 7Page - Linear Technology LT1084CK Datasheet HTML 8Page - Linear Technology LT1084CK Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1083/LT1084/LT1085
108345fe
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Load Regulation
(VIN – VOUT) = 3V
10mA
≤ IOUT ≤ IFULL LOAD
TJ = 25°C (Notes 2, 3, 4, 6)
0.1
0.3
%
●
0.2
0.4
%
Dropout Voltage
∆VREF = 1%, IOUT = IFULLLOAD (Notes 5, 6, 8)
●
1.3
1.5
V
Current Limit
LT1083
(VIN – VOUT) = 5V
●
8.0
9.5
A
(VIN – VOUT) = 25V
●
0.4
1.0
A
LT1084
(VIN – VOUT) = 5V
●
5.5
6.5
A
(VIN – VOUT) = 25V
●
0.3
0.6
A
LT1085
(VIN – VOUT) = 5V
●
3.2
4.0
A
(VIN – VOUT) = 25V
●
0.2
0.5
A
Minimum Load Current
(VIN – VOUT) = 25V
●
510
mA
Thermal Regulation
TA = 25°C, 30ms Pulse
LT1083
0.002
0.010
%/W
LT1084
0.003
0.015
%/W
LT1085
0.004
0.020
%/W
Ripple Rejection
f = 120Hz, CADJ = 25µF, COUT = 25µF Tantalum
IOUT = IFULL LOAD, (VIN – VOUT) = 3V (Notes 6, 7, 8)
●
60
75
dB
Adjust Pin Current
TJ = 25°C55
µA
●
120
µA
Adjust Pin Current Change
10mA
≤ IOUT ≤ IFULL LOAD
1.5V
≤ (VIN – VOUT) ≤ 25V (Note 6)
●
0.2
5
µA
Temperature Stability
●
0.5
%
Long Term Stability
TA = 125°C, 1000 Hrs
0.3
1
%
RMS Output Noise (% of VOUT)TA = 25°C
10Hz =
≤ f ≤ 10kHz
0.003
%
Thermal Resistance Junction-to-Case
Control Circuitry/Power Transistor
LT1083
K Package
0.6/1.6
°C/W
P Package
0.5/1.6
°C/W
LT1084
K Package
0.75/2.3
°C/W
P Package
0.65/2.3
°C/W
T Package
0.65/2.7
°C/W
LT1085
K Package
0.9/3.0
°C/W
M, T Packages
0.7/3.0
°C/W
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: See thermal regulation specifications for changes in output voltage
due to heating effects. Load and line regulation are measured at a constant
junction temperature by low duty cycle pulse testing.
Note 3: Line and load regulation are guaranteed up to the maximum power
dissapation (60W for the LT1083, 45W for the LT1084 (K, P), 30W for the
LT1084 (T) and 30W for the LT1085). Power dissipation is determined by
the input/output differential and the output current. Guaranteed maximum
power dissipation will not be available over the full input/output voltage
range.
Note 4: IFULL LOAD is defined in the current limit curves. The IFULLLOAD
curve is defined as the minimum value of current limit as a function of
input-to-output voltage. Note that the 60W power dissipation for the
LT1083 (45W for the LT1084 (K, P), 30W for the LT1084 (T), 30W for the
LT1085) is only achievable over a limited range of input-to-output voltage.
Note 5: Dropout voltage is specified over the full output current range of
the device. Test points and limits are shown on the Dropout Voltage
curve.
Note 6: For LT1083 IFULL LOAD is 5A for – 55°C ≤ TJ < – 40°C and 7.5A for
TJ ≥ –40°C.
Note 7: 1.7V
≤ (VIN – VOUT) ≤ 25V for LT1084 at –55°C ≤ TJ ≤ –40°C.
Note 8: Dropout is 1.7V maximum for LT1084 at – 55
°C ≤ TJ ≤ –40°C.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com