Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1084CK Datasheet(PDF) 16 Page - Linear Technology

Part # LT1084CK
Description  7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1084CK Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1084CK Datasheet HTML 8Page - Linear Technology LT1084CK Datasheet HTML 9Page - Linear Technology LT1084CK Datasheet HTML 10Page - Linear Technology LT1084CK Datasheet HTML 11Page - Linear Technology LT1084CK Datasheet HTML 12Page - Linear Technology LT1084CK Datasheet HTML 13Page - Linear Technology LT1084CK Datasheet HTML 14Page - Linear Technology LT1084CK Datasheet HTML 15Page - Linear Technology LT1084CK Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1083/LT1084/LT1085
108345fe
LT/LT 0505 REV E • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1994
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX:(408)434-0507 ● www.linear-tech.com
TYPICAL APPLICATIONS
PART NUMBER
DESCRIPTION
COMMENTS
LT1086
1.5A Low Dropout Regulator
Fixed 2.85V, 3.3V, 3.6V, 5V and 12V Output
LT1117
800mA Low Dropout Regulator
Fixed 2.85V, 3.3V, 5V or Adjustable Output
LT1584/LT1585/LT1587 7A/4.6A/3A Fast Response Low Dropout Regulators
For High Performance Microprocessors
LT1580
7A Very Low Dropout Linear Regulator
0.54V Dropout at 7A, Fixed 2.5VOUT and Adjustable
LT1581
10A Very Low Dropout Linear Regulator
0.43V Dropout at 10A, Fixed 2.5VOUT and Adjustable
LT1430
High Power Step-Down Switching Regulator
5V to 3.3V at 10A, >90% Efficiency
LT1575
UltraFast
TM Transient Response LDO Controller
External MOSFET Pass Element
LT1573
UltraFast Transient Response LDO Controller
External PNP Pass Element
UltraFast is a trademark of Linear Technology Corporation.
RELATED PARTS
Automatic Light Control
Protected High Current Lamp Driver
IN
VIN
OUT
ADJ
10
µF
100
µF
LT1083
1083/4/5 ADJ TA10
1.2k
+
OUT
TTL OR
CMOS
IN
ADJ
15V
12V
5A
LT1083
1083/4/5 ADJ TA11
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com