Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1084CK Datasheet(PDF) 5 Page - Linear Technology

Part # LT1084CK
Description  7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1084CK Datasheet(HTML) 5 Page - Linear Technology

  LT1084CK Datasheet HTML 1Page - Linear Technology LT1084CK Datasheet HTML 2Page - Linear Technology LT1084CK Datasheet HTML 3Page - Linear Technology LT1084CK Datasheet HTML 4Page - Linear Technology LT1084CK Datasheet HTML 5Page - Linear Technology LT1084CK Datasheet HTML 6Page - Linear Technology LT1084CK Datasheet HTML 7Page - Linear Technology LT1084CK Datasheet HTML 8Page - Linear Technology LT1084CK Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1083/LT1084/LT1085
108345fe
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Operating Current
Temperature Stability
Adjust Pin Current
INPUT/OUTPUT DIFFERENTIAL (V)
0
0
1
3
4
5
10
7
10
20
25
LT1083/4/5 ADJ G10
2
8
9
6
5
15
30
35
TJ = –55°C
TJ = 150°C
TJ = 25°C
TEMPERATURE (°C)
–50
1.27
1.26
1.25
1.24
1.23
050
100
150
LT1083/4/5 ADJ G11
–25
25
75
125
TEMPERATURE (°C)
–50
100
90
80
70
60
50
40
30
20
10
0
050
100
150
LT1083/4/5 ADJ G12
–25
25
75
125
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
10
1k
10k
100k
1083/4/5 ADJ G13
100
VRIPPLE
≤ 0.5VP-P
VRIPPLE ≤ 3VP-P
(VIN – VOUT) ≥ 3V
(VIN – VOUT) ≥ VDROPOUT
CADJ = 200µF AT FREQUENCIES < 60Hz
CADJ = 25µF AT FREQUENCIES > 60Hz
IOUT = 7A
OUTPUT CURRENT (A)
0
100
90
80
70
60
50
40
30
20
10
0
2
4
5
1083/4/5 ADJ G14
13
6
7
8
VOUT = 5V
CADJ = 25µF
COUT = 25µF
fR = 120Hz
VRIPPLE ≤ 3VP-P
fR = 20kHz
VRIPPLE ≤ 0.5VP-P
CASE TEMPERATURE (°C)
50
100
90
80
70
60
50
40
30
20
10
0
LT1083/4/5 ADJ G15
60 70 80 90 100 110 120 130 140 150
LT1083MK
LT1083CP
LT1083CK
* AS LIMITED BY MAXIMUM JUNCTION TEMPERATURE
LT1083
LT1083
LT1083
Ripple Rejection
Ripple Rejection vs Current
Maximum Power Dissipation*
LT1084
LT1084
LT1084
Ripple Rejection
Ripple Rejection vs Current
Maximum Power Dissipation*
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
10
1k
10k
100k
1083/4/5 ADJ G16
100
VRIPPLE ≤ 0.5VP-P
VRIPPLE ≤ 3VP-P
(VIN – VOUT) ≥ 3V
(VIN – VOUT) ≥ VDROPOUT
CADJ = 200µF AT FREQUENCIES < 60Hz
CADJ = 25µF AT FREQUENCIES > 60Hz
IOUT = 5A
OUTPUT CURRENT (A)
0
100
90
80
70
60
50
40
30
20
10
0
2
4
5
1083/4/5 ADJ G17
13
VOUT = 5V
CADJ = 25µF
COUT = 25µF
fR = 120Hz
VRIPPLE ≤ 3VP-P
fR = 20kHz
VRIPPLE ≤ 0.5VP-P
CASE TEMPERATURE (°C)
50
60
50
40
30
20
10
0
LT1083/4/5 ADJ G18
60 70 80 90 100 110 120 130 140 150
LT1084MK
LT1084CT
LT1084CP
* AS LIMITED BY MAXIMUM JUNCTION TEMPERATURE
LT1084CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com