Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1084CK Datasheet(PDF) 2 Page - Linear Technology

Part # LT1084CK
Description  7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1084CK Datasheet(HTML) 2 Page - Linear Technology

  LT1084CK Datasheet HTML 1Page - Linear Technology LT1084CK Datasheet HTML 2Page - Linear Technology LT1084CK Datasheet HTML 3Page - Linear Technology LT1084CK Datasheet HTML 4Page - Linear Technology LT1084CK Datasheet HTML 5Page - Linear Technology LT1084CK Datasheet HTML 6Page - Linear Technology LT1084CK Datasheet HTML 7Page - Linear Technology LT1084CK Datasheet HTML 8Page - Linear Technology LT1084CK Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1083/LT1084/LT1085
108345fe
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage
IOUT = 10mA, TJ = 25°C,
(VIN – VOUT) = 3V
1.238
1.250
1.262
V
10mA
≤ IOUT ≤ IFULL LOAD
1.5V
≤ (VIN – VOUT) ≤ 25V (Notes 4, 6, 7)
●
1.225
1.250
1.270
V
Line Regulation
ILOAD = 10mA, 1.5V ≤ (VIN – VOUT) ≤ 15V, TJ = 25°C (Notes 2, 3)
0.015
0.2
%
●
0.035
0.2
%
M Grade: 15V
≤ (VIN – VOUT) ≤ 35V (Notes 2, 3)
●
0.05
0.5
%
C, I Grades: 15V
≤ (VIN – VOUT) ≤ 30V (Notes 2, 3)
●
0.05
0.5
%
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
Power Dissipation ............................... Internally Limited
Input-to-Output Voltage Differential
“C” Grades .......................................................... 30V
“I” Grades ............................................................ 30V
“M” Grades (OBSOLETE)............................ 35V
Operating Junction Temperature Range
“C” Grades: Control Section .................. 0
°C to 125°C
Power Transistor ............... 0
°C to 150°C
“I” Grades: Control Section ............. – 40
°C to 125°C
Power Transistor .......... – 40
°C to 150°C
“M” Grades: (OBSOLETE)
Control Section ............. – 55
°C to 150°C
Power Transistor .......... – 55
°C to 200°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
100% thermal shutdown functional test.
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1083CP
LT1084CP
LT1084CT
LT1084IT
LT1085CT
LT1085IT
T PACKAGE
3-LEAD PLASTIC TO-220
FRONT VIEW
TAB
IS
OUTPUT
3
2
1
VIN
VOUT
ADJ
VIN
VOUT
ADJ
P PACKAGE
3-LEAD PLASTIC TO-3P
FRONT VIEW
TAB IS
OUTPUT
3
2
1
1
2
VIN
CASE IS
OUTPUT
BOTTOM VIEW
ADJ
K PACKAGE
2-LEAD TO-3 METAL CAN
θJA = 35°C/W
θJA = 35°C/W
θJA = 50°C/W
VIN
VOUT
ADJ
3
2
1
M PACKAGE
3-LEAD PLASTIC DD
FRONT VIEW
TAB
IS
OUTPUT
3
2
1
*WITH PACKAGE SOLDERED TO 0.5IN2 COPPER AREA
OVER BACKSIDE GROUND PLANE OR INTERNAL POWER
PLANE.
θJA CAN VARY FROM 20°C/W TO > 40°C/W
DEPENDING ON MOUNTING TECHNIQUE.
θJA = 30°C/W*
LT1083CK
LT1083MK
LT1084CK
LT1084MK
LT1085CK
LT1085MK
LT1085CM
PRECO DITIO I G
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
(Note 1)
OBSOLETE PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com