Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI616MC-AS Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # PI616MC-AS
Description  600DPI Image Sensor (CIS) PCB
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI616MC-AS Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  PI616MC-AS Datasheet HTML 1Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 2Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 3Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 4Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 5Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 6Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 7Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 8Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
NUMBER OF PHOTO-SITE PER
TAP
960
TOTAL LINE READ TIME = READ
TIME PER SECTION
192ms/line
160ms/line
Typical, Tested @ 5.0 MHz
Clock
Minimum, Tested @ 6.0 MHz
Clock
CLOCK FREQUENCY
5.0 MHz
6.0 MHz
Typical
Maximum
4. PHYSICAL OUTLINE
TABLE 4.1 PHYSICAL OUTLINE
ITEM
SPECIFICATION
NOTE
IMAGE SENSORS
PERIPHERAL IMAGING CORP.
PI3039
SEE REFERENCED IMAGE
SENSOR DATA SHEET
PCB STIFFNER BOARD
PCB STIFFNER BOARD SIZE
@
355.6 mm X 41.3 mm X 6.35
mm
SENSOR PCB
SIZE »165.1mm X 21.4mm X
1.62mm
2 PCB MOUNTED ON THE
STIFFENER
DATA OUTPUT
8 ANALOG VIDEO OUTPUTS
SENSOR BOARD
CONNECTORS
TWO I/O CONNECTOR
MOLEX 52610-1590
USED TO CONNECT TO
THEIR RESPECTIVE OUTPUT
AMPLIFIERS
AMPLIFIER PCB BOARD
SIZE » 291.3 mm X 76.2 mm X
1.6 mm
AMPIFIER BOARD’S FOUR
CONNECTORS
TWO INPUTS: MOLEX 52207-
1950
TWO OUTPUTS: ERNI-594083
MOUNTED ARE 8 OUTPUT
AMPLIFIERS FOR EACH OF
THE VIDEO LINES FROM THE
SENSOR BOARDS
5. RECOMMENDED OPERATING CONDITIONS
TABLE 5.1 RECOMMENDED OPERATING CONDITIONS (25 oC)
ITEM
SYMBOL MIN
TYPICAL MAX
UNITS
VDD
4.5
5.0
5.5
V
IDD
135
150
165
ma
VSS
|-5.0|
|-5.5|
V
PAGE 3 OF 22 - PI616MC-AS, 12/20/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com